Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF1A331MCL4GS Datasheet(PDF) 3 Page - Nichicon corporation

Part # PCF1A331MCL4GS
Description  Chip Type, Standard
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCF1A331MCL4GS Datasheet(HTML) 3 Page - Nichicon corporation

  PCF1A331MCL4GS Datasheet HTML 1Page - Nichicon corporation PCF1A331MCL4GS Datasheet HTML 2Page - Nichicon corporation PCF1A331MCL4GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
40
CAT.8100H
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
Taping specifications are given in page 23.
Recommended land size, soldering by reflow are given
in page 18, 19.
Please refer to page 3 for the minimum order quantity.
Rated ripple current (mArms) at 105°C 100kHz
PCF
Dimensions
Rated Capacitance
(µF)
Rated Voltage
(V)(code)
Surge Voltage
(V)
Leakage Current
(µA)
ESR (m )
(at 100kHz 20°
C)
Rated Ripple
(mArms)
tan δ
Part Number
Case Size
φD × L (mm)
16
(1C)
20
(1D)
25
(1E)
18.4
23
28.7
3.3
22
33
39
39
56
82
100
150
180
180
220
220
330
10
22
22
39
47
56
68
82
100
120
150
6.8
10
22
33
47
47
56
100
176
106
125
125
179
262
320
480
576
576
704
704
1056
100
100
88
156
188
224
272
328
400
480
600
85
125
275
413
588
588
700
260
45
31
31
31
30
28
27
25
16
25
20
14
14
120
50
50
45
45
40
40
40
22
35
20
80
60
50
30
30
45
28
660
1210
2400
2400
2400
2900
3200
3300
3500
4400
3600
3900
5050
5000
900
1700
1700
2000
2000
2400
2600
2600
3200
2800
4320
1200
1600
2200
2800
3000
2400
3800
PCF1C3R3MCL1GB
PCF1C220MCL1GS
PCF1C330MCL1GS
PCF1C390MCL4GB
PCF1C390MCL1GS
PCF1C560MCL1GS
PCF1C820MCL1GS
PCF1C101MCL1GS
PCF1C151MCL1GS
PCF1C181MCL4GS
PCF1C181MCL1GS
PCF1C221MCL1GS
PCF1C221MCL9GS
PCF1C331MCL1GS
PCF1D100MCL1GS
PCF1D220MCL4GB
PCF1D220MCL1GS
PCF1D390MCL1GS
PCF1D470MCL1GS
PCF1D560MCL1GS
PCF1D680MCL1GS
PCF1D820MCL1GS
PCF1D101MCL1GS
PCF1D121MCL1GS
PCF1D151MCL1GS
PCF1E6R8MCL1GS
PCF1E100MCL1GS
PCF1E220MCL1GS
PCF1E330MCL1GS
PCF1E470MCL4GS
PCF1E470MCL1GS
PCF1E560MCL1GS
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
0.12
4 × 5.5
5 × 6
6.3 × 6
6.3 × 5.5
6.3 × 6
8 × 7
8 × 7
10 × 8
10 × 8
8 × 12
10 × 8
10 × 10
10 × 12.7
10 × 12.7
5 × 6
6.3 × 5.5
6.3 × 6
8 × 7
8 × 7
10 × 8
10 × 8
10 × 8
8 × 12
10 × 10
10 × 12.7
6.3 × 6
8 × 7
10 × 8
8 × 12
8 × 12
10 × 10
10 × 12.7
No marked, 1 will be put at 12th digit of type numbering system.
: In this case, 4 will be put at 12th digit of type numbering system.
: In this case, 6 will be put at 12th digit of type numbering system.
: In this case, 9 will be put at 12th digit of type numbering system.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com