Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRLCDMOUNT Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SRLCDMOUNT
Description  Monitor Rack-Mount Bracket, 4U, for LCD Monitor up to 17-19 in.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRLCDMOUNT Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SRLCDMOUNT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRLCDMOUNT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Monitor Rack-Mount Bracket, 4U, for LCD
Monitor up to 17-19 in.
MODEL NUMBER: SRLCDMOUNT
Durable VESA bracket allows rack mounting of a flat-panel LCD monitor in a 19 in. floor rack enclosure or
open frame rack.
Features
Easy Mounting of LCD Monitors or Televisions up to 19 in.
This rack-mount monitor bracket is compliant with multiple VESA patterns, making it compatible with a
wide range of retail LCD displays and touch-screen monitors up to 44 pounds. The SRLCDMOUNT
supports LCD monitors up to 17 inches, which allows the display to fit snugly within a closed rack. If
closing rack doors isn’t an issue, simply reverse the rack-mount monitor bracket so that it’s facing
outward. With this configuration, the SRLCDMOUNT supports LCD monitors up to 19 inches. Compatible
VESA mounting-hole patterns are 75 x 75 mm, 100 x 100 mm and 100 x 150 mm.
Includes Necessary Hardware for Mounting in 4U of Rack Space
This VESA bracket fits all EIA-compliant 19-inch open frame racks and floor-standing rack enclosures. It’s
made from durable cold-rolled steel with a black powder-coated finish that blends seamlessly with your
rack décor. Rack-mounting hardware is included, as well as a convenient Quick Start Guide that walks
you through the simple rack-mounting process.
2-Year Warranty and Environmentally Responsible Design
The SRLCDMOUNT comes with a 2-year warranty. It’s manufactured in compliance with strict RoHS
specifications, reflecting Tripp Lite’s commitment to environmental responsibility.
Highlights
Fits 75 x 75, 100 x 100 and 100
x 150 VESA patterns to match
wide variety of displays
q
Compatible with all standard 19
in. open frame racks and floor
rack enclosures
q
Durable cold-rolled steel
construction designed to stand
up to heavy use over time
q
Rack-mounting hardware
included for immediate
installation
q
Supports LCD and touch-screen
monitors up to 17-19 in. and 44
lb.
q
Applications
Install an LCD display in an
open frame or floor rack to
monitor essential server-room or
console information
q
Mount a touch-screen display
for instant on-site operation and
control of rack equipment
q
System Requirements
LCD display with 75 x 75 mm,
100 x 100 mm or 100 x 150 mm
VESA plate
q
Package Includes
LCD Mounting Plate
q
(2) Rack Brackets
q
(8) M6 x 16 Screws
q
(8) M6 Cup Washers
q
(8) M6 Cage Nuts
q
(8) M5 x 10 Screws
q
(8) M5 Flat Washers
q
Installation Guide
q
1 / 2


Similar Part No. - SRLCDMOUNT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SRLC05 MICROSEMI-SRLC05 Datasheet
100Kb / 2P
Low Capacitance TVSarray
logo
Tripp Lite. All Rights ...
SRLCEILINGKIT TRIPPLITE-SRLCEILINGKIT Datasheet
162Kb / 2P
Ceiling Support Kit for 12 in. or 18 in. Cable Runway, Straight and 90-Degree
More results

Similar Description - SRLCDMOUNT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RCM-19 ETC2-RCM-19 Datasheet
293Kb / 2P
Compact 19??rack mount display monitor with 8.5U height
RGPC-D5215 ETC2-RGPC-D5215 Datasheet
172Kb / 2P
Compact 19??Rack mount display monitor with 7U height
RGPC-D5219 ETC2-RGPC-D5219 Datasheet
172Kb / 2P
Compact 19??Rack mount display monitor with 7U height
RPM-17 ETC2-RPM-17 Datasheet
103Kb / 2P
17" 8U Rugged Rack Mount display Monitor
RPM-19 ETC2-RPM-19 Datasheet
222Kb / 2P
19" 8.5U Rugged Rack Mount display Monitor
logo
Axiomtek Co., Ltd.
LD-170 AXIOMTEK-LD-170 Datasheet
132Kb / 1P
17 Industrial Open Frame LCD Monitor
LD-190 AXIOMTEK-LD-190 Datasheet
133Kb / 1P
19 Industrial Open Frame LCD Monitor
P6173 AXIOMTEK-P6173_16 Datasheet
355Kb / 2P
17 SXGA TFT Industrial LCD Monitor
P6173 AXIOMTEK-P6173_17 Datasheet
355Kb / 2P
17 SXGA TFT Industrial LCD Monitor
P6191 AXIOMTEK-P6191 Datasheet
323Kb / 2P
19 SXGA TFT Industrial LCD Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com