Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3486 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3486
Description  Dual 1.3A White LED Step-Up Converters with Wide Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3486 Datasheet HTML 9Page - Linear Technology LT3486 Datasheet HTML 10Page - Linear Technology LT3486 Datasheet HTML 11Page - Linear Technology LT3486 Datasheet HTML 12Page - Linear Technology LT3486 Datasheet HTML 13Page - Linear Technology LT3486 Datasheet HTML 14Page - Linear Technology LT3486 Datasheet HTML 15Page - Linear Technology LT3486 Datasheet HTML 16Page - Linear Technology LT3486 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3486
13
3486f
The LED current can be set by:
ILED ≈ (200mV/RFB), when VCTRL > 1.8V
ILED ≈ (VCTRL/5 • RFB), when VCTRL < 1V
Feedback voltage variation versus control voltage is given
in the Typical Performance Characteristics graphs.
(b) Using a Filtered PWM Signal
A variable duty cycle PWM can be used to control the
brightness of the LED string. The PWM signal is filtered
(Figure 7) by an RC network and fed to the CTRL1, CTRL2
pins.
The corner frequency of R1, C1 should be much lower
than the frequency of the PWM signal. R1 needs to be
much smaller than the internal impedance in the CTRL
pins, which is 100kΩ.
Pulse-Width Modulation (PWM)
Adjusting the forward current flowing in the LEDs changes
the intensity of the LEDs, as explained in the previous sec-
tion. However, a change in forward current also changes the
color of the LEDs. The chromaticity of the LEDs changes
with the change in forward current. Many applications can-
not tolerate any shift in the color of the LEDs. Controlling
the intensity of the LEDs via applying a PWM signal allows
dimming of the LEDs without changing the color.
Dimming the LEDs via a PWM signal essentially involves
turning the LEDs on and off at the PWM frequency. The
human eye has a limit of 60 frames per second. By in-
creasing the PWM frequency to say, 80Hz, the eye can
be deceived into believing that the pulsed light source is
continously on. Additionally by modulating the duty cycle
(amount of “on-time”), the intensity of the LEDs can be
controlled. The color of the LEDs remains unchanged in
this scheme since the LED current value is either zero or
a constant value.
Figure 8(a) shows a 12V to 8/8 white LED driver. The PWM
dimming control method requires an external NMOS tied
to the cathode of the lowest LED in the string, as shown in
3486 F07
C1
1
µF
PWM
10kHz TYP
R1
10k
LT3486
CTRL1,2
Figure 7. Dimming Control Using a Filtered PWM Signal
APPLICATIO S I FOR ATIO
3486 TA10a
12V (TYP)
9V TO 15V
COUT1
2.2
µF
COUT2
2.2
µF
100mA
PWM
FREQ
1kHz
RFB1
2
Ω
RFB2
2
Ω
100mA
OFF ON
D1
Q1
100k
100k
3.65k
3.65k
21.5k
Q2
5V
D2
CIN
10
µF
C1 1
µF
L1
10
µH
L2
10
µH
VIN
VIN
DIMMING
INPUT 1
DIMMING
INPUT 2
2.2nF
22pF
2.2nF
LUXEON
LEDs
LXCL-PWF1
LUXEON
LEDs
LXCL-PWF1
COUT1, COUT2: 35V, X5R OR X7R
CIN: 25V, X5R OR X7R
C1: 10V, X5R OR X7R
CREF: 6.3V, X5R OR X7R
CREF
0.1
µF
VC1
VC2
RT
SW1
SW2
VIN
LT3486
OVP2
CTRL2
REF
PWM2
FB2
OVP1
CTRL1
SHDN
PWM1
FB1
PWM
FREQ
1kHz
D1, D2: ZETEX ZLLS1000
L1, L2: TOKO D53LC (TYPE A)
Q1, Q2: FAIRCHILD FDN5630
IL
500mA/DIV
ILED
200mA/DIV
PWM
5V/DIV
0.2ms/DIV
3486 G18
VIN = 12V
8/8 LEDs
PWM FREQ = 1kHz
Figure 8a. 12V to 8/8 White LEDs
Figure 8b. PWM Dimming Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com