Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PT Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 2PT
Description  Sensitive gate SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2PT Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  2PT Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2PT Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2PT Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 2PT Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 2PT Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 2PT Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2PTxxxx
Unit
IGT
VGD
IH
mA
dV/dt
VTM
IDRM
IRRM
µA
IL
V = 12V, R = 33Ω
D
L
V = V
, R = 3.3KΩ, R = 220Ω, T = 110°C
D
DRM
L
GK
j
I = 50mA
T
I = 1.2 I
G
GT
V = 67% V
R
= 1KΩ, T = 110°C
D
DRM
GK
j
,
0.8
0.2
5
6
10
µA
V
V
mA
V/µs
I = 4A, t = 380 µs
T
P
T = 110°C
j
T = 25°C
j
T = 25°C
j
V
µA
ELECTRICAL SPECIFICATIONS (T = 25 ºC unless otherwise specified)
J
TEST CONDITIONS
SYMBOL
1.5
5
100
V =V
, V =V
R =1K
D
DRM
R
RRM, GK
Min.
Max.
Max.
Min.
Max.
Max.
Min.
Max.
Max.
Max.
10
200
THERMAL RESISTANCE
Rth(j-c)
Junction to
case
7.0
°C/W
UNIT
VALUE
SYMBOL
Parameter
TO-252(D-PAK)/TO-251(I-PAK)
TO-126/SOT-223
TO-92
6.5
10
VGT
PRODUCT SELECTOR
PART NUMBER
VOLTAGE (xx)
SENSITIVITY
600 V
2PTxxF-S
2PTxxG-S
PACKAGE
I-PAK
D-PAK
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
2PTxxF-03
2PTxxF-05
2PTxxF-06
2PTxxF-08
2PTxxG-03
2PTxxG-05
2PTxxG-06
2PTxxG-08
D-PAK
D-PAK
D-PAK
D-PAK
I-PAK
I-PAK
I-PAK
I-PAK
10~30 µA
20~50 µA
30~60 µA
50~80 µA
10~30 µA
20~50 µA
30~60 µA
50~80 µA
V
V
V
V
V
V
2PTxxAM-S
2PTxxAM-03
2PTxxAM-05
TO-126
TO-126
TO-126
10~30 µA
20~50 µA
2PTxxAM-06
2PTxxAM-08
V
V
TO-126
30~60 µA
V
V
TO-126
50~80 µA
2PTxxE-03
V
V
TO-92
10~30 µA
2PTxxE-06
V
V
TO-92
30~60 µA
2PTxxE-08
V
V
TO-92
50~80 µA
2PT Series RoHS
RoHS
2PTxxE-S
V
V
7
0~200 µA
TO-92
Page 2 of 6
www.nellsemi.com
7
0~200 µA
7
0~200 µA
7
0~200 µA
2PTxxE-05
V
V
20~50 µA
TO-92
2PTxxS
V
V
1
0~200 µA
SOT-223
800 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com