Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HY5V22F-7 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HY5V22F-7
Description  4 Banks x 1M x 32Bit Synchronous DRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5V22F-7 Datasheet(HTML) 2 Page - Hynix Semiconductor

  HY5V22F-7 Datasheet HTML 1Page - Hynix Semiconductor HY5V22F-7 Datasheet HTML 2Page - Hynix Semiconductor HY5V22F-7 Datasheet HTML 3Page - Hynix Semiconductor HY5V22F-7 Datasheet HTML 4Page - Hynix Semiconductor HY5V22F-7 Datasheet HTML 5Page - Hynix Semiconductor HY5V22F-7 Datasheet HTML 6Page - Hynix Semiconductor HY5V22F-7 Datasheet HTML 7Page - Hynix Semiconductor HY5V22F-7 Datasheet HTML 8Page - Hynix Semiconductor HY5V22F-7 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
HY57V283220(L)T(P)/ HY5V22(L)F(P)
4 Banks x 1M x 32Bit Synchronous DRAM
This document is a general product description and is subject to change without notice. Hynix Semiconductor Inc. does not assume
any responsibility for use of circuits described. No patent licenses are implied.
Rev. 0.9 / July 2004
DESCRIPTION
The Hynix HY57V283220(L)T(P) / HY5V22(L)F(P) is a 134,217,728-bit CMOS Synchronous DRAM, ideally suited for the
memory applications which require wide data I/O and high bandwidth. HY57V283220(L)T(P) / HY5V22(L)F(P) is orga-
nized as 4banks of 1,048,576x32.
HY57V283220(L)T(P) / HY5V22(L)F(P) is offering fully synchronous operation referenced to a positive edge of the
clock. All inputs and outputs are synchronized with the rising edge of the clock input. The data paths are internally
pipelined to achieve very high bandwidth. All input and output voltage levels are compatible with LVTTL.
Programmable options include the length of pipeline (Read latency of 2 or 3), the number of consecutive read or write
cycles initiated by a single control command (Burst length of 1,2,4,8 or full page), and the burst count
sequence(sequential or interleave). A burst of read or write cycles in progress can be terminated by a burst terminate
command or can be interrupted and replaced by a new burst read or write command on any cycle. (This pipelined
design is not restricted by a `2N` rule.)
FEATURES
•
JEDEC standard 3.3V power supply
•
All device pins are compatible with LVTTL interface
•
86TSOP-II, 90Ball FBGA with 0.8mm of pin pitch
•
All inputs and outputs referenced to positive edge of
system clock
•
Data mask function by DQM0,1,2 and 3
•
Internal four banks operation
•
Auto refresh and self refresh
•
4096 refresh cycles / 64ms
•
Programmable Burst Length and Burst Type
- 1, 2, 4, 8 or full page for Sequential Burst
- 1, 2, 4 or 8 for Interleave Burst
•
Programmable CAS Latency ; 2, 3 Clocks
•
Burst Read Single Write operation
ORDERING INFORMATION
Note) Hynix supports lead free part for each speed grade with same specification.
Part No.
Clock Frequency
Organization
Interface
Package
HY57V283220(L)T(P)-5
HY5V22(L)F(P)-5
200MHz
4Banks x 1Mbits x32
LVTTL
86TSOP-II
90Ball FBGA
HY57V283220(L)T(P)-55
HY5V22(L)F(P)-55
183MHz
HY57V283220(L)T(P)-6
HY5V22(L)F(P)-6
166MHz
HY57V283220(L)T(P)-7
HY5V22(L)F(P)-7
143MHz
HY57V283220(L)T(P)-H
HY5V22(L)F(P)-H
133MHz
HY57V283220(L)T(P)-8
HY5V22(L)F(P)-8
125MHz
HY57V283220(L)T(P)-P
HY5V22(L)F(P)-P
100MHz
HY57V283220(L)T(P)-S
HY5V22(L)F(P)-S
100MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com