Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3486EFE Datasheet(PDF) 2 Page - Linear Technology

Part # LT3486EFE
Description  Dual 1.3A White LED Step-Up Converters with Wide Dimming
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3486EFE Datasheet(HTML) 2 Page - Linear Technology

  LT3486EFE Datasheet HTML 1Page - Linear Technology LT3486EFE Datasheet HTML 2Page - Linear Technology LT3486EFE Datasheet HTML 3Page - Linear Technology LT3486EFE Datasheet HTML 4Page - Linear Technology LT3486EFE Datasheet HTML 5Page - Linear Technology LT3486EFE Datasheet HTML 6Page - Linear Technology LT3486EFE Datasheet HTML 7Page - Linear Technology LT3486EFE Datasheet HTML 8Page - Linear Technology LT3486EFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3486
2
3486f
16
15
14
13
12
11
10
9
17
DHC PACKAGE
16-LEAD (5mm
× 3mm) PLASTIC DFN
EXPOSED PAD (PIN 17) IS GND
MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
SW2
REF
OVP2
SHDN
VC2
FB2
CTRL2
PWM2
SW1
VIN
OVP1
RT
VC1
FB1
CTRL1
PWM1
Input Voltage (VIN) ...................................................25V
⎯S⎯H⎯D⎯N Voltage..........................................................25V
SW1, SW2 Voltages .................................................40V
OVP1, OVP2 Voltages...............................................40V
CTRL1, CTRL2 Voltages ...........................................10V
PWM1, PWM2 Voltages ...........................................10V
FB1, FB2 Voltages.....................................................10V
ORDER PART
NUMBER
DHC PART
MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, VCTRL1 = 3V, VCTRL2 = 3V, VPWM1 = 3V, VPWM2 = 3V,
VSHDN = 3V, unless otherwise noted.
Operating Temperature Range (Note 2) ...– 40°C to 85°C
Storage Temperature Range
DFN ...................................................– 65°C to 125°C
TSSOP ............................................... –65°C to 150°C
Maximum Junction Temperature .......................... 125°C
Lead Temperature (Soldering, 10sec, TSSOP) ...... 300°C
ORDER PART
NUMBER
FE PART
MARKING
3486EFE
LT3486EFE
SW2
REF
OVP2
SHDN
VC2
FB2
CTRL2
PWM2
SW1
VIN
OVP1
RT
VC1
FB1
CTRL1
PWM1
FE PACKAGE
16-LEAD PLASTIC TSSOP
EXPOSED PAD IS GND (PIN 17)
MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
17
TJMAX = 125°C, θJA = 43°C/W, θJC = 4°C/W
TJMAX = 125°C, θJA = 38°C/W, θJC = 10°C/W
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
LT3486EDHC
3486
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.5
V
Maximum Operating Voltage
24
V
Feedback Voltage (FB1, FB2)
●
194
200
206
mV
Offset between FB1 and FB2
VOS = |FB1-FB2|
0
3
6
mV
Feedback Pin Bias Current (FB1, FB2)
VFB1 = VFB2 = 0.2V (Note 3)
10
45
100
nA
Quiescent Current
VFB1 = VFB2 = 1V
9
14
mA
⎯S⎯H⎯D⎯N = 0V, CTRL1 = CTRL2 = 0V
0.1
1
µA
Switching Frequency
RT = 53.6k
0.75
1
1.25
MHz
Oscillator Frequency Range
(Note 4)
200
2000
kHz
Nominal RT Pin Voltage
RT = 53.6k
0.54
V
FOR ATIO
PACKAGE/ORDER I
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com