Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40PT06AI Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 40PT06AI
Description  Stansard SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

40PT06AI Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  40PT06AI Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 40PT06AI Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 40PT06AI Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 40PT06AI Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 40PT06AI Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RoHS
RoHS
40PT Series
Fig.5 Surge peak on-state current versus
number of cycles.
Fig.6 Non-repetitive surge peak on-state
current for a sinusoidal pulse with
width tp < 10 ms, and corresponding
2
values of l t .
Fig.7 On-state characteristics
(maximum values)
500
400
300
200
100
0
1
10
100
1000
5000
1000
100
500
100
10
1
I (A)
TM
I
(
A)
TSM
2
2
I
(
A), l t (A s)
TSM
50
150
250
350
450
t = 10ms
p
One cycle
Non repetitive
T initial = 25°C
j
Repetitive
T = 95°C
c
Number of cycles
0.01
0.10
1.00
10.00
T (ms)
p
dl/dt limitation
lTSM
2
l t
T initial = 25°C
j
T = max
j
T = 25°C
j
V (V)
TM
T = max.:
j
V =0.85V
to
R = 10mΩ
d
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2.87 (0.113)
2.62 (0.103)
9.40 (0.370)
9.14 (0.360)
10.54 (0.415)
MAX.
16.13 (0.635)
15.87 (0.625)
PIN
4.06 (0.160)
3.56 (0.140)
1.45 (0.057)
1.14 (0.045)
2.67 (0.105)
2.41 (0.095)
2.65 (0.104)
2.45 (0.096)
5.20 (0.205)
4.95 (0.195)
0.90 (0.035)
0.70 (0.028)
3.91 (0.154)
3.74 (0.148)
K
G
A
4.70 (0.185)
4.44 (0.1754)
1.39 (0.055)
1.14 (0.045)
3.68 (0.145)
3.43 (0.135)
8.89 (0.350)
8.38 (0.330)
29.16 (1.148)
28.40 (1.118)
14.22 (0.560)
13.46 (0.530)
0.56 (0.022)
0.36 (0.014)
2.79 (0.110)
2.54 (0.100)
15.32 (0.603)
14.55 (0.573)
TO-220AB
Case Style
3(G)
1(K)
2(A)
Page 4 of 5
www.nellsemi.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com