Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40PT08AI Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 40PT08AI
Description  Stansard SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

40PT08AI Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  40PT08AI Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 40PT08AI Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 40PT08AI Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 40PT08AI Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 40PT08AI Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
A
K A
G
Page 1 of 5
40PT Series RoHS
RoHS
Stansard SCRs, 40A
Main Features
Symbol
Value
Unit
IT(RMS)
V
/V
DRM
RRM
IGT
40
A
V
mA
4
to 60
600 to 1600
DESCRIPTION
www.nellsemi.com
The 40PT series of silicon controlled rectifiers are
high performance glass passivated technology,
and are suitable for general purpose applications,
where in-rush current conditions are critical such
as overvoltage crowbar protection circuits in power
supplies, in-rush current limiting circuits, solid
state relay in back to back configuration, welding
SYMBOL
IT(RMS)
RMS on-state current full sine wave
ITSM
Non repetitive surge peak on-state
current (full cycle, T initial = 25°C)
j
A
2
I t
2
I t Value for fusing
1058
2
A s
dI/dt
Critical rate of rise of on-state current
50
IGM
Peak gate current
PG(AV)
Average gate power dissipation
Tstg
Storage temperature range
Operating junction temperature range
- 40
to + 150
- 40
to + 125
ºC
A/µs
A
A
W
UNIT
VALUE
460
F =50 Hz
F =60 Hz
t = 20 ms
t = 16.7 ms
t = 10 ms
p
F = 60 Hz
T =125ºC
j
T = 125ºC
j
T = 125ºC
j
T = 20 µs
p
Tj
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
V
600
to 1600
T =125ºC
j
VDRM
VRRM
Repetitive peak off-state voltage
Repetitive peak reverse voltage
(180° conduction angle )
4
1
Average on-state current
(180° conduction angle)
IT(AV)
25
A
I = 2xl , t ≤100ns
G
GT r
TO-3P/TO-247
TO-220AB/TO-263
T =95°C
c
T =90°C
c
Maximum gate power
PGM
W
10
T =20µs
p
T = 125ºC
j
TO-220AB insulated/TO-3P insulated
T =95°C
c
T =90°C
c
40
480
Base on a clip assembly technology, they offer a
superior performance in surge current capabilities.
TO-3P/TO-247
TO-220AB/TO-263
TO-220AB insulated/TO-3P insulated
Maximum peak reverse gate voltage
VRGM
5
V
T =80°C
c
T =80°C
c
TO-220AB
non-Insulated)
(
TO-3P (
non-Insulated)
A
A
G
K
2
TO-263 (
D PAK)
K A G
A
(40PTxxH)
(40PTxxA)
(40PTxxB)
KA
G
TO-220AB
(lnsulated)
TO-3P (
Insulated)
K A G
(40PTxxAI)
(40PTxxBI)
TO-247
non-Insulated)
(
(40PTxxC)
equipment and high power motor control.
K A
G
3(G)
1(K)
2(A)


Similar Part No. - 40PT08AI

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
40PT08AI NELLSEMI-40PT08AI Datasheet
906Kb / 5P
Stansard SCRs, 40A
More results

Similar Description - 40PT08AI

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
16PT06AI NELLSEMI-16PT06AI Datasheet
661Kb / 6P
Stansard SCRs, 16A
55PT06AI NELLSEMI-55PT06AI Datasheet
898Kb / 5P
Stansard SCRs, 55A
16PT NELLSEMI-16PT_14 Datasheet
662Kb / 6P
Stansard SCRs, 16A
40PT NELLSEMI-40PT Datasheet
659Kb / 5P
Stansard SCRs
55PT NELLSEMI-55PT Datasheet
650Kb / 5P
Stansard SCRs
70PT NELLSEMI-70PT Datasheet
254Kb / 4P
Stansard SCRs
16PT NELLSEMI-16PT_18 Datasheet
784Kb / 6P
Stansard SCRs
25PT NELLSEMI-25PT_18 Datasheet
856Kb / 6P
Stansard SCRs
75PT NELLSEMI-75PT Datasheet
708Kb / 5P
Stansard SCRs
30PT NELLSEMI-30PT_18 Datasheet
245Kb / 6P
Stansard SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com