Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3828EG Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3828EG
Description  Dual 2-Phase Step-Down Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3828EG Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3828EG Datasheet HTML 17Page - Linear Technology LTC3828EG Datasheet HTML 18Page - Linear Technology LTC3828EG Datasheet HTML 19Page - Linear Technology LTC3828EG Datasheet HTML 20Page - Linear Technology LTC3828EG Datasheet HTML 21Page - Linear Technology LTC3828EG Datasheet HTML 22Page - Linear Technology LTC3828EG Datasheet HTML 23Page - Linear Technology LTC3828EG Datasheet HTML 24Page - Linear Technology LTC3828EG Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC3828
3828f
21
APPLICATIO S I FOR ATIO
frequency fO. A voltage applied to the PLLFLTR pin of 1.2V
corresponds to a frequency of approximately 400kHz. The
nominal operating frequency range of the IC is 260kHz to
550kHz.
The phase detector used is an edge sensitive digital type
which provides zero degrees phase shift between the
external and internal oscillators. This type of phase detec-
tor will not lock up on input frequencies close to the
harmonics of the VCO center frequency. The PLL hold-in
range,
∆fH, is equal to the capture range, ∆fC:
∆fH = ∆fC = ±0.5 fO (260kHz-550kHz)
The output of the phase detector is a complementary pair
of current sources charging or discharging the external
filter network on the PLLFLTR pin.
If the external frequency (fPLLIN) is greater than the oscil-
lator frequency f0SC, current is sourced continuously,
pulling up the PLLFLTR pin. When the external frequency
is less than f0SC, current is sunk continuously, pulling
down the PLLFLTR pin. If the external and internal fre-
quencies are the same but exhibit a phase difference, the
current sources turn on for an amount of time correspond-
ing to the phase difference. Thus the voltage on the
PLLFLTR pin is adjusted until the phase and frequency of
the external and internal oscillators are identical. At this
stable operating point the phase comparator output is
open and the filter capacitor CLP holds the voltage. The IC’s
FCB/PLLIN pin must be driven from a low impedance
source such as a logic gate located close to the pin. When
using multiple ICs for a phase-locked system, the PLLFLTR
pin of the master oscillator should be biased at a voltage
that will guarantee the slave oscillator(s) ability to lock
onto the master’s frequency. A DC voltage of 0.7V to 1.7V
applied to the master oscillator’s PLLFLTR pin is recom-
mended in order to meet this requirement. The resultant
operating frequency can range from 300kHz to 500kHz.
The loop filter components (CLP, RLP) smooth out the
current pulses from the phase detector and provide a
stable input to the voltage controlled oscillator. The filter
components CLP and RLP determine how fast the loop
acquires lock. Typically RLP =10kΩ and CLP is 0.01µF to
0.1
µF.
Minimum On-Time Considerations
Minimum on-time tON(MIN) is the smallest time duration
that each controller is capable of turning on the top
MOSFET. It is determined by internal timing delays and the
gate charge required to turn on the top MOSFET. Low duty
cycle applications may approach this minimum on-time
limit and care should be taken to ensure that
t
V
Vf
ON MIN
OUT
IN
()
()
<
If the duty cycle falls below what can be accommodated by
the minimum on-time, the controller will begin to skip
cycles. The output voltage will continue to be regulated,
but the ripple voltage and current will increase.
The minimum on-time for each controller is approximately
200ns. However, as the peak sense voltage decreases the
minimum on-time gradually increases up to about 300ns.
This is of particular concern in forced continuous applica-
tions with low ripple current at light loads. If the duty cycle
drops below the minimum on-time limit in this situation,
a significant amount of cycle skipping can occur with
correspondingly larger current and voltage ripple.
Voltage Positioning
Voltage positioning can be used to minimize peak-to-peak
output voltage excursions under worst-case transient
loading conditions. The open-loop DC gain of the control
loop is reduced depending upon the maximum load step
specifications. Voltage positioning can easily be added to
either or both controllers by loading the ITH pin with a
resistive divider having a Thevenin equivalent voltage
source equal to the midpoint operating voltage range of
the error amplifier, or 1.2V (see Figure 10).
ITH
RC
RT1
INTVCC
CC
3828 F10
LTC3828
RT2
Figure 10. Active Voltage Positioning
Applied to the LTC3828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com