Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4441 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4441
Description  N-Channel MOSFET Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4441 Datasheet(HTML) 4 Page - Linear Technology

  LTC4441 Datasheet HTML 1Page - Linear Technology LTC4441 Datasheet HTML 2Page - Linear Technology LTC4441 Datasheet HTML 3Page - Linear Technology LTC4441 Datasheet HTML 4Page - Linear Technology LTC4441 Datasheet HTML 5Page - Linear Technology LTC4441 Datasheet HTML 6Page - Linear Technology LTC4441 Datasheet HTML 7Page - Linear Technology LTC4441 Datasheet HTML 8Page - Linear Technology LTC4441 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC4441/LTC4441-1
44411f
4
TEMPERATURE (°C)
–50
25
4441 G10
–25
0
50
0.8
0.4
0.3
0.1
0.2
0.7
0.6
0
0.5
75
100
125
VIN = 7.5V
DRVCC = 5V
DRVCC (V)
4.5
6.0
4441 G11
5.0 5.5
6.5
60
40
30
10
20
0
50
7.0 7.5 8.0 8.5 9.0
TA = 25°C
CLOAD = 4.7nF
tPHL
tPLH
TEMPERATURE (°C)
–50
25
–25
0
50
75
100
125
4441 G12
60
40
30
10
20
0
50
DRVCC = 5V
CLOAD = 4.7nF
tPHL
tPLH
TYPICAL PERFOR A CE CHARACTERISTICS
FB Pin UVLO Threshold
vs Temperature
SD Pin Input Threshold Voltage
vs Temperature
DRVCC Voltage vs Temperature
DRVCC Dropout Voltage vs
Temperature
DRVCC Line Regulation
DRVCC Load Regulation
tPLH, tPHL vs Temperature
tPLH, tPHL vs DRVCC
TEMPERATURE (°C)
–50
25
4441 G04
–25
0
50
1.20
1.00
0.96
0.88
0.92
1.16
1.12
1.08
0.84
1.04
75
100
125
VIN = 7.5V
RISING EDGE
FALLING EDGE
TEMPERATURE (°C)
–50
25
4441 G06
–25
0
50
5.50
5.20
5.15
5.05
5.10
5.45
5.40
5.35
5.30
5.00
5.25
75
100
125
R1 = 330k
R2 = 100k
VIN = 25V
VIN = 7.5V
ILOAD (mA)
0
60
4441 G07
20 40
80
5.50
5.20
5.15
5.05
5.10
5.45
5.40
5.35
5.30
5.00
5.25
100 120 140 160 180 200
VIN = 7.5V
TA = 25°C
R1 = 330k
R2 = 100k
TEMPERATURE (°C)
–50
25
4441 G05
–25
0
50
0.80
0.50
0.45
0.35
0.40
0.75
0.70
0.65
0.60
0.30
0.55
75
100
125
RISING EDGE
FALLING EDGE
VIN = 7.5V
DRVCC = 5V
VIN (V)
0
4441 G08
5.30
5.20
5.15
5.05
5.10
5.00
5.25
5
1015202530
TA = 25°C
R1 = 330k
R2 = 100k
TEMPERATURE (°C)
–50
25
4441 G09
–25
0
50
1000
400
300
100
200
900
800
700
600
0
500
75
100
125
VIN = 7.5V
DRVCC = 5V
ILOAD = 40mA
OUT Pin Pull-Down Resistance vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com