Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4441-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4441-1
Description  N-Channel MOSFET Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4441-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4441-1 Datasheet HTML 1Page - Linear Technology LTC4441-1 Datasheet HTML 2Page - Linear Technology LTC4441-1 Datasheet HTML 3Page - Linear Technology LTC4441-1 Datasheet HTML 4Page - Linear Technology LTC4441-1 Datasheet HTML 5Page - Linear Technology LTC4441-1 Datasheet HTML 6Page - Linear Technology LTC4441-1 Datasheet HTML 7Page - Linear Technology LTC4441-1 Datasheet HTML 8Page - Linear Technology LTC4441-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC4441/LTC4441-1
44411f
2
Supply Voltage
VIN ...................................................................... 28V
DRVCC .................................................................. 9V
Input Voltage
IN .......................................................... –15V to 15V
FB, EN/SHDN ........................ –0.3V to DRVCC + 0.3V
ABSOLUTE MAXIMUM RATINGS
The
● indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 7.5V, DRVCC = 5V, unless otherwise specified.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 125°C, θJA = 150°C/W
S8 PART
MARKING
44411
4441I1
ELECTRICAL CHARACTERISTICS
RBLANK, BLANK (LTC4441 Only) .......... –0.3V to 5V
OUT Output Current ............................................ 100mA
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Junction Temperature (Note 8) ............................ 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
ORDER PART
NUMBER
LTC4441ES8-1
LTC4441IS8-1
PACKAGE/ORDER INFORMATION
1
2
3
4
5
PGND
BLANK
RBLANK
SGND
IN
10
9
8
7
6
OUT
DRVCC
VIN
FB
EN/SHDN
TOP VIEW
11
MSE PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 38°C/W (NOTE 3)
EXPOSED PAD (PIN 11) IS GND
MUST BE SOLDERED TO PCB
MSE PART
MARKING
LTBJQ
LTBJP
ORDER PART
NUMBER
LTC4441EMSE
LTC4441IMSE
1
2
3
4
8
7
6
5
TOP VIEW
OUT
DRVCC
VIN
FB
PGND
SGND
IN
EN/SHDN
S8 PACKAGE
8-LEAD PLASTIC SO
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDRVCC
Driver Supply Programmable Range
●
58
V
IVIN
VIN Supply Current
EN/SHDN = 0V, IN = 0V
●
512
µA
EN/SHDN = 5V, IN = 0V
●
250
500
µA
fIN = 100kHz, COUT = 4.7nF (Note 4)
3
6
mA
DRVCC Regulator
VFB
Regulator Feedback Voltage
VIN = 7.5V
●
1.11
1.21
1.31
V
∆VDRVCC(LINE) Regulator Line Regulation
VIN = 7.5V to 25V
9
40
mV
∆VDRVCC(LOAD) Load Regulation
Load = 0mA to 40mA
–0.1
%
VDROPOUT
Regulator Dropout Voltage
Load = 40mA
370
mV
VUVLO
FB Pin UVLO Voltage
Rising Edge
1.09
V
Falling Edge
0.97
V
Input
VIH
IN Pin High Input Threshold
Rising Edge
●
2
2.4
2.8
V
VIL
IN Pin Low Input Threshold
Falling Edge
●
1
1.4
1.8
V
VIH-VIL
IN Pin Input Voltage Hysteresis
Rising-Falling Edge
1
V
IINP
IN Pin Input Current
VIN = ±10V
●
±0.01
±10
µA
IEN/SHDN
EN/SHDN Pin Input Current
VEN/SHDN = 9V
●
±0.01
±1
µA
VSHDN
EN/SHDN Pin Shutdown Threshold
Falling Edge
0.45
V
VEN
EN/SHDN Pin Enable Threshold
Rising Edge
1.21
V
Falling Edge
●
1.036
1.09
1.145
V
VEN(HYST)
EN/SHDN Pin Enable Hysteresis
Rising-Falling Edge
0.12
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com