Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045CT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MBR3045CT
Description  High Tjm Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MBR3045CT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MBR3045CT Datasheet HTML 1Page - List of Unclassifed Manufacturers MBR3045CT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR3030CT thru MBR3045CT
Symbol
Characteristics
I(AV)
Maximum Average Forward Rectified Current
@TC=100 C
IFSM
Maximum Ratings
30
200
A
A
Unit
o
IR
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TJ=25 C
@TJ=125 C
CJ
Typical Junction Capacitance Per Element (Note 3)
TJ
Operating Temperature Range
0.2
40
1.5
450
-55 to +150
-55 to +175
mA
pF
o
o
Typical Thermal Resistance (Note 2)
ROJC
C/W
o
C
o
NOTES: 1. 300us Pulse Width, Duty Cycle 2%.
2. Thermal Resistance Junction To Case.
3. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
High Tjm (+175
oC) Schottky Barrier Diodes
MBR3030CT
MBR3035CT
MBR3040CT
MBR3045CT
VRRM
V
30
35
40
45
VRMS
V
21
24.5
28
31.5
VDC
V
30
35
40
45
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave
Superimposed On Rated Load (JEDEC METHOD)
dv/dt
Voltage Rate Of Change (Rated VR)
10000
V/us
C
o
TSTG
Storage Temperature Range
FEATURES
* Metal of silicon rectifier, majority carrier conducton
* Guard ring for transient protection
* Low power loss, high efficiency
* High current capability, low VF
* High surge capacity
* Plastic package has UL flammability classification 94V-0
* For use in low voltage, high frequency inverters, free
whelling, and polarity protection applications
MECHANICAL DATA
* Case: TO-220AB molded plastic
* Polarity: As marked on the body
* Weight: 0.08 ounces, 2.24 grams
* Mounting position: Any
Maximum Forward
Voltage (Note 1)
IF=30A @TJ=125 C
IF=15A @TJ=25 C
IF=30A @TJ=25 C
VF
0.72
0.70
0.84
V
o
o
o
A=Anode, C=Cathode, TAB=Cathode
A
A
C
C(TAB)
A
C
A
Dim.
A
B
C
D
E
F
G
H
J
K
M
N
Q
R
Milimeter
Min.
Max.
12.70
13.97
14.73
16.00
9.91
10.66
3.54
4.08
5.85
6.85
2.54
3.18
1.15
1.65
2.79
5.84
0.64
1.01
2.54
BSC
4.32
4.82
1.14
1.39
0.35
0.56
2.29
2.79
Inches
Min.
Max.
0.500
0.550
0.580
0.630
0.390
0.420
0.139
0.161
0.230
0.270
0.100
0.125
0.045
0.065
0.110
0.230
0.025
0.040
0.100
BSC
0.170
0.190
0.045
0.055
0.014
0.022
0.090
0.110
Dimensions TO-220AB
DEECorp.


Similar Part No. - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR3045CT MCC-MBR3045CT Datasheet
134Kb / 2P
30 Amp Rectifier 30 to 60 Volts Schottky Barrier
logo
Microsemi Corporation
MBR3045CT MICROSEMI-MBR3045CT Datasheet
131Kb / 2P
30 AMP SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
MBR3045CT VISHAY-MBR3045CT Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
logo
Taiwan Semiconductor Co...
MBR3045CT TSC-MBR3045CT Datasheet
101Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
MBR3045CT TSC-MBR3045CT Datasheet
357Kb / 2P
30.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR3045CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
MBR40100PT SIRECTIFIER-MBR40100PT Datasheet
222Kb / 3P
High Tjm (175oC) Schottky Barrier Diodes
MBR560 SIRECTIFIER-MBR560_16 Datasheet
212Kb / 2P
High Tjm Low IRRM Schottky Barrier Diodes
MBR5150 SIRECTIFIER-MBR5150_16 Datasheet
163Kb / 2P
High Tjm Low IRRM Schottky Barrier Diodes
MBR3030PT SIRECTIFIER-MBR3030PT_16 Datasheet
141Kb / 2P
High Tjm Low IRRM Schottky Barrier Diodes
MBR4030PT SIRECTIFIER-MBR4030PT_16 Datasheet
136Kb / 2P
High Tjm Low IRRM Schottky Barrier Diodes
MBRB2515L SIRECTIFIER-MBRB2515L_16 Datasheet
128Kb / 2P
High Tjm Low IRRM Schottky Barrier Diodes
MBR20100CT SIRECTIFIER-MBR20100CT_16 Datasheet
91Kb / 2P
High Tjm Low IRRM Schottky Barrier Diodes
MBR2050CT SIRECTIFIER-MBR2050CT_16 Datasheet
83Kb / 2P
High Tjm Low IRRM Schottky Barrier Diodes
MBR870 SIRECTIFIER-MBR870_16 Datasheet
91Kb / 2P
High Tjm Low IRRM Schottky Barrier Diodes
MBR1070CT SIRECTIFIER-MBR1070CT_16 Datasheet
92Kb / 2P
High Tjm Low IRRM Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com