Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVT20KX Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SVT20KX
Description  SmartOnline SVTX Series 3-Phase 380/400/415V 20kVA 18kW On-Line Double-Conversion UPS, Tower, Extended Run, SNMP Option
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SVT20KX Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SVT20KX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SVT20KX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SVT20KX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SVT20KX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SVT20KX Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SVT20KX Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SmartOnline SVTX Series 3-Phase 380/400/415V
20kVA 18kW On-Line Double-Conversion UPS,
Tower, Extended Run, SNMP Option
MODEL NUMBER: SVT20KX
Economical, entry-level 3-phase UPS system protects connected mission-critical equipment against
damage, downtime and data loss due to blackouts, brownouts, power surges and line noise.
Description
The SVT20KX SmartOnline® SVTX Series 3-Phase 380/400/415V 20kVA 18kW On-Line Double-
Conversion UPS with IGBT technology provides battery backup and AC power protection against power
disturbances that can damage electronics or destroy data. It’s recommended for critical IT or corporate
infrastructure, telecom, LAN/WAN, security and emergency, financial and light industrial applications.
The SVT20KX’s Voltage and Frequency Independent (VFI) design allows continuous operation at any
supported voltage at either 50 or 60 Hz. Zero transfer time to battery mode ensures no disruption to the
attached loads. Automatic and Manual Bypass keeps connected equipment powered even during
overloads and UPS maintenance.
IGBT inverter technology produces output power with less than 2% total harmonic distortion (THD) to
keep connected equipment functioning at its peak. A 3:1 crest factor safely supports a variety of loads,
even those with wildly fluctuating power demands.
Managing the SVT20KX is simplified through the interactive front-panel LCD interface, which displays
critical operating conditions and diagnostic data, such as load levels, available runtime, alarm status,
battery charge, and voltage and frequency values. Four LEDs indicate bypass, line, battery and fault
modes. A serial port allows connection to Tripp Lite’s free local shutdown agent. A built-in card slot
supports WEBCARDLX or RELAYCARDSV for network interface and remote monitoring and control. The
SVT20KX’s reduced size and small footprint save valuable space.
Features
Highlights
On-line double-conversion
topology, VFI operation
q
Automatic and Manual Bypass
for enhanced reliability
q
Optional ECO mode for high-
efficiency operation
q
Internal batteries and
expandable runtime options
q
Paralleling for capacity up to 3
units
q
Package Includes
SVT20KX SmartOnline SVTX
Series 3-Phase 380/400/415V
20kVA 18kW On-Line Double-
Conversion UPS
q
(2) RS-232 cables
q
6-pin current sharing cable
q
Owner’s manual
q
1 / 6


Similar Part No. - SVT20KX

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SVT20100U PANJIT-SVT20100U Datasheet
228Kb / 5P
EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT20100UA PANJIT-SVT20100UA Datasheet
292Kb / 4P
EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT20100UA_R2_00001 PANJIT-SVT20100UA_R2_00001 Datasheet
292Kb / 4P
EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT20100UB PANJIT-SVT20100UB Datasheet
230Kb / 5P
EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT20100UB PANJIT-SVT20100UB_16 Datasheet
400Kb / 6P
EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SVT20KX

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU20KRT TRIPPLITE-SU20KRT Datasheet
566Kb / 6P
SmartOnline 200-240V 20kVA 18kW On-Line Double-Conversion UPS, N1, Extended Run,SNMP, Webcard, 12U Rack-Tower, USB, DB9 Serial
SU20KRTHWTFASSM TRIPPLITE-SU20KRTHWTFASSM Datasheet
550Kb / 6P
SmartOnline 240-120V 20kVA 18kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, USB, DB9 Serial, Hardwire
SUTX20K TRIPPLITE-SUTX20K Datasheet
169Kb / 6P
SmartOnline SUTX Series 3-Phase 220/380V, 230/400V, 240/415V 20kVA 20kW On-Line Double-Conversion UPS, Tower, Extended Run, SNMP Option
SUTX40K TRIPPLITE-SUTX40K Datasheet
169Kb / 6P
SmartOnline SUTX Series 3-Phase 220/380V, 230/400V, 240/415V 40kVA 40kW On-Line Double-Conversion UPS, Tower, Extended Run, SNMP Option
SVT10KX TRIPPLITE-SVT10KX Datasheet
176Kb / 6P
SmartOnline SVTX Series 3-Phase 380/400/415V 10kVA 9kW On-Line Double-Conversion UPS, Tower, Extended Run, SNMP Option
SVT30KX TRIPPLITE-SVT30KX Datasheet
178Kb / 6P
SmartOnline SVTX Series 3-Phase 380/400/415V 30kVA 27kW On-Line Double-Conversion UPS, Tower, Extended Run, SNMP Option
S3M30KX TRIPPLITE-S3M30KX Datasheet
176Kb / 5P
SmartOnline S3MX Series 3-Phase 380/400/415V 30kVA 27kW On-Line Double-Conversion UPS
S3M40KX TRIPPLITE-S3M40KX Datasheet
176Kb / 5P
SmartOnline S3MX Series 3-Phase 380/400/415V 40kVA 36kW On-Line Double-Conversion UPS
S3M60KX TRIPPLITE-S3M60KX Datasheet
178Kb / 5P
SmartOnline S3MX Series 3-Phase 380/400/415V 60kVA 54kW On-Line Double-Conversion UPS
S3M80KX TRIPPLITE-S3M80KX Datasheet
178Kb / 5P
SmartOnline S3MX Series 3-Phase 380/400/415V 80kVA 72kW On-Line Double-Conversion UPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com