Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NKT55 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # NKT55
Description  Thyristor/Diode Power Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKT55 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  NKT55 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKT55 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKT55 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKT55 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FORWARD CONDUCTION
PARAMETER
Maximum average on-state current (thyristors)
Maximum average forward current (diodes)
180° conduction, half sine wave, T = 85°C
C
Maximum RMS on-state current
A
Maximum peak, one-cycle, on-state
non-repetitive surge current
t = 10 ms No voltage
reapplied
Sine half wave,
initial T = T maximum
J
J
t = 8.3 ms
kA2s
Maximum I2√t for fusing
2
I
t = 0.1 ms to 10 ms, no voltage reapplied
Maximum on-state voltage drop
VTM
Maximum forward voltage drop
VFM
Maximum holding current
IH
mA
Maximum latching current
IL
400
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
Maximum peak reverse and
off-state leakage current
IRRM
IDRM
TJ = 150 °C
RMS isolation Voltage
VISO
50 Hz, circuit to base,
all terminals shorted
V
Critical rate of rise of
off-state voltage
dV/dt
exponential to 67 % rated VDRM
V/μs
V
UNITS
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
TYPE
NUMBER
VOLTAGE
CODE
VRRM/VDRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM/VDSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM/IDRM
AT 150 °C
mA
NKT55
06
600
700
8
08
800
900
12
1200
1300
14
1400
1500
16
1600
1700
180° conduction, half sine wave ,50Hz ,T = 85°C
C
VALUE
60
94
1250
1313
7.81
7.13
78.1
1.6
1.3
150
A
8
1000
mA
t = 10 ms
t = 8.3 ms
t = 10 ms
t = 8.3 ms
2
kA √
5.51
5.05
reapplied
100%VRRM
2500 (1min)
3000 (1s)
UNITS
NKH55
lT(RMS)
Page 2 of 4
www.nellsemi.com
2
Maximum l t for fusing
TEST CONDITIONS
SYMBOL
lT(AV)
lF(AV)
lF(RMS)
lFSM
lTSM
No voltage
reapplied
t = 10 ms
t = 8.3 ms reapplied
100%VRRM
1050
1103
2
l t
√
Maximum value of threshold voltage
Maximum value of on-state slope resistance
VT(TO)
rt
T = T Maximum
J
J
1.05
4.25
V
mΩ
s
I = 165A, T = 25°C, 180° conduction
TM
J
I = 165A, T = 25°C, 180° conduction
FM
J
Anode supply = 6V, resistive load T = 25°C
J
t
T = T Maximum
J
J
Nell High Power Products
NKT55/NKH55 Series RoHS
Apr 2017



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com