Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP141 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP141
Description  Digital Out Temperature Sensor with Single-Wire SensorPath Bus
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP141 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP141 Datasheet HTML 7Page - Texas Instruments TMP141 Datasheet HTML 8Page - Texas Instruments TMP141 Datasheet HTML 9Page - Texas Instruments TMP141 Datasheet HTML 10Page - Texas Instruments TMP141 Datasheet HTML 11Page - Texas Instruments TMP141 Datasheet HTML 12Page - Texas Instruments TMP141 Datasheet HTML 13Page - Texas Instruments TMP141 Datasheet HTML 14Page - Texas Instruments TMP141 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TMP141
SBAS347 − MARCH 2005
www.ti.com
11
Register 4: Device Status (Read-Only)
This is an 8-bit register with the following bits defined:
Bit 7, Bus Error (BER): This bit is set whenever there is
an error indication in the Acknowledge bit of either
received or transmitted data. A bus error is cleared when
the master reads the Device Status Register or sends
Device Reset.
Bits 6−5: Reserved. These bits read as ‘0’.
Bit 4, Overrun (ORUN): This flag is set when another
temperature conversion is completed before the previous
conversion has been read by the master. This error is
cleared by Device Reset, or by reading the temperature
result from the Temperature Readout register.
Bits 3−1: Reserved. These bits read as ‘0’.
Bit 0, Status Function 1 (SF1): This flag is set when a
temperature conversion is completed, and the data is
stored in the Readout register. It is reset either when the
master reads the temperature conversion, or when the
TMP141 is reset.
Register 5: Device Control (Read/Write)
Bits 15−5: Reserved. These bits read as ‘0’.
Bit 4, Enable Function 1 (ENAB): This bit enables
temperature measurement; the default setting is disabled.
To begin temperature measurement, a ‘1’ must be written
to this bit. The enable sensor bit (EN_S) in the
Temperature Control register must also be set to enable
the sensor. (Bits cannot be written individually; a Write
operation affects the entire register.)
Bit 3: Reserved. This bit reads as ‘0’.
Bit 2, Low-Power Mode: When this bit is set, the
operation of all functions slow down in order to conserve
power. Default is ‘0’ for normal speed operation. (See
Table 4.)
Bit 1, Shutdown: When this bit is set, all functions are
disabled, placing the TMP141 in the lowest possible power
consumption mode. Default is ‘0’; this is normal operation.
To exit shutdown, write a ‘0’ to this location.
Bit 0, Reset: When this bit is set, the TMP141 performs a
Device Reset. During Reset, any operation is progress is
aborted, and all registers are set to their default values.
This bit self-clears when the Reset operation is completed.
It is not necessary to do a Device Reset after power-up.
Bits 1−0: These bits are the only location in the TMP141
that accepts a broadcast Write message.
Register 8: Temperature Capabilities (Read-Only)
Bits 15−9: Reserved. These bits read as ‘0’.
Bit 8: This bit is set, indicating that the internal temperature
sensing is the only option available.
Bit 7: This bit is ‘0’; it indicates that the TMP141 Tempera-
ture Readout register is 16 bits.
Bit 6: This bit is set to indicate that signed two’s
complement is the format of the temperature data.
Bits 5−3: These bits are 001b; they indicate that the
temperature data is 10 bits long.
Bits 2−0: These bits are 010b, and indicate that the
temperature data resolution is 0.25
°C.
Register 9: Temperature Readout (Read-Only)
The TMP141 outputs 10 bits of precision to a resolution of
0.25
°C. This 10-bit format covers a range from +127.75°C
to −128
°C. Negative numbers are in two’s complement.
Table 3 shows some examples of the Temperature Data
format.
Data is left-justified, meaning that the ten bits of data are
in the most significant bits of this register. The temperature
data is contained in Bits 15:6. Bits 5:0 always read as ‘0’.
Table 3. Data Format Example
TEMPERATURE
BINARY
HEX
+127.75
°C(1)
01 1111 1111
1FFh
+125.00
°C
01 1111 0100
1F4h
+100.0
°C
01 1001 0000
190h
+1.0
°C
00 0000 0100
004h
+0.25
°C
00 0000 0001
001h
0
°C
00 0000 0000
000h
−0.25
°C
11 1111 1111
3FFh
−1.0
°C
11 1111 1100
3FCh
−100
°C
10 0111 0000
270h
−128
°C(1)
10 0000 0000
200h
(1) Both −128°C and +127.75°C are beyond the specified operating
range of −40
°C to +125°C. This table only illustrates the format
of the data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com