Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4313B Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # U4313B
Description  Low-Current Superhet Remote Control Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4313B Datasheet(HTML) 4 Page - TEMIC Semiconductors

  U4313B Datasheet HTML 1Page - TEMIC Semiconductors U4313B Datasheet HTML 2Page - TEMIC Semiconductors U4313B Datasheet HTML 3Page - TEMIC Semiconductors U4313B Datasheet HTML 4Page - TEMIC Semiconductors U4313B Datasheet HTML 5Page - TEMIC Semiconductors U4313B Datasheet HTML 6Page - TEMIC Semiconductors U4313B Datasheet HTML 7Page - TEMIC Semiconductors U4313B Datasheet HTML 8Page - TEMIC Semiconductors U4313B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TELEFUNKEN Semiconductors
U4313B
Rev. A1: 23.06.1995
4 (14)
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Clamping comparator
Typical common mode
input voltage range
Pin 2
Vcmvr
0.8
1.6
V
Maximum distortion
voltage
Vsignal = 100 mV,
R+ = R– = 50 k
W,
C+ = C– = 200 nF,
fdisto = 50 Hz,
fsignal = 1 kHz
Pin 2
Vdmax
200
mV
Output voltage
V2 > (V6 + V7) /2
(10 k
W load to VRef)
Pin 5
Vcout
0
150
250
mV 1)
Output voltage
V2 < (V6 + V7) /2
(10 k
W load to VRef)
Pin 5
Vcout
VRef
Wake up circuit
Minimum wake up level
Pin 9
Vin
40
dB
mV 2)
Internal charging resistor
Pin 3
Rint
1.5
k
W
Threshold voltage
Pin 3
Vth
1.6
V
Output switch current
Pin 10
ISW
180
250
550
mA
Output switch voltage
Pin 10
VSW
5.5
V3)
External wake up resistor
Pins 3 and 13
RWU
22
k
W
External wake up capacitor
Pins 3 and 13
CWU
10
mF
Hold time (
± 30%)
th
 1.5
RWU
CWU
s 4)
Delay time (
± 30%)
td
 CWU
0.75 k
W
s 4)
1)
IC version with non-inverting comparator available: U4311B
2)
Measured at Pin 9, referred to 330
W
3)
Protected by a Z-diode, see figure 13
4)
Valid for 0.1
mF ≤ CWU ≤ 10 mF and 22 kW ≤ RWU ≤ 680 kW
Application
The U4313B is well-suited to implement UHF remote
control or data transmission systems, based on a low
current superheterodyne receiver concept. SAW-devices
may be used in the transmitter as well as in the receiver
local oscillator. The front end should be a discrete circuit
application with low-current UHF transistors like S822T
or S852T from TEMIC TELEFUNKEN microelectronic
GmbH. The frequency of the local oscillator can be deter-
mined either by coaxial resonators or SAW-devices. Due
to large SAW-resonator tolerance an IF-bandwidth
* and
in a FM-system additionally the discriminator amplitude
characteristic (figure 28)
* of 300 kHz or higher is pro-
posed. As the circuit needs only 3.0 V supply voltage for
operation, the front end may be a stacked design in order
to achieve a total receiver current consumption of approx-
imately 1 mA. Figure 29 shows a principle receiver
concept diagram. The application notes ANT012,
ANT013 and ANT015 contain more detailed information
on complete RF links.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com