Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP07322 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP07322
Description  SAW Filter 1582.470MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP07322 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP07322 Datasheet HTML 1Page - Golledge Electronics Ltd MP07322 Datasheet HTML 2Page - Golledge Electronics Ltd MP07322 Datasheet HTML 3Page - Golledge Electronics Ltd MP07322 Datasheet HTML 4Page - Golledge Electronics Ltd MP07322 Datasheet HTML 5Page - Golledge Electronics Ltd MP07322 Datasheet HTML 6Page - Golledge Electronics Ltd MP07322 Datasheet HTML 7Page - Golledge Electronics Ltd MP07322 Datasheet HTML 8Page - Golledge Electronics Ltd MP07322 Datasheet HTML 9Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1582.470MHz
Model: TA1954A
Part No: MP07322
Rev No: 1
TA1954A v1
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device (ESD)
1. Maximum Input Power: 15dBm
2. Operating Temperature: -30°C to +85°C
3. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
1. Terminating source impedance: ZS = 50 Ω (Single-ended)
2. Terminating load impedance: ZL = 50 Ω (Single-ended)
Parameters Description
Unit
Min.
Typ.
Max.
Center Frequency
MHz
-
1582.47
-
Insertion Loss
1574.42 ~ 1576.42MHz
dB
1.2
1.7
1597.55 ~ 1605.89MHz
dB
1.8
2.5
1559.05 ~ 1563.14MHz
dB
1.7
2.5
Amplitude Ripple
1574.42 ~ 1576.42MHz
dB p-p
0.1
0.8
1597.55 ~ 1605.89MHz
dB p-p
0.55
0.14
1559.05 ~ 1563.14MHz
dB p-p
0.2
1.2
Group Delay Ripple
1574.42 ~ 1576.42MHz
nsec
1.0
6.0
1597.55 ~ 1605.89MHz
nsec
4.0
12.5
1559.05 ~ 1563.14MHz
nsec
5.0
16.0
VSWR(Input/Output)
1574.42 ~ 1576.42MHz
-
1.5
2.1
1597.55 ~ 1605.89MHz
-
1.4
2.0
1559.05 ~ 1563.14MHz
-
1.5
2.0
Attenuation
699.0 ~ 716.0MHz
dB
43
47
-
777.0 ~ 787.0MHz
dB
45
46.5
-
814.0 ~ 849.0MHz
dB
45
46.5
-
880.0 ~ 915.0MHz
dB
45
46.5
-
1427.9 ~ 1446.9MHz
dB
45
53
-
1447.9 ~ 1462.9MHz
dB
45
54
-
1710.0 ~ 1785.0MHz
dB
47
54
-
1850.0 ~ 1915.0MHz
dB
47
54
-


Similar Part No. - MP07322

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP07320 GOLLEDGE-MP07320 Datasheet
174Kb / 8P
SAW Filter 918.60MHz
MP07327 GOLLEDGE-MP07327 Datasheet
233Kb / 6P
SAW Filter 2350.0MHz
MP07328 GOLLEDGE-MP07328 Datasheet
232Kb / 6P
SAW Filter 2350.0MHz
MP07329 GOLLEDGE-MP07329 Datasheet
232Kb / 6P
SAW Filter 2350.0MHz
More results

Similar Description - MP07322

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com