Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW5329 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GW5329
Description  GW5329
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GW5329 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GW5329 Datasheet HTML 1Page - List of Unclassifed Manufacturers GW5329 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SAW Filter
GW5329
The GW5329 is a low - loss, compact, and economical surface-acoustic-wave (SAW) filter de-
signed to provide front -end selectivity in 429.82 MHz receivers.
1.Package Dimension
(QCC8C)
Pin
Connection
1
Terminal1
2
Terminal2
3
Case Ground
Pin
Connection
1
Input Ground
2
Input
5
Output Ground
6
Output
3, 7
To be Grounded
4,8
Case Ground
Sign
Data (unit: mm)
Sign
Data(unit:mm)
A
2.08
E
1.2
B
0.6
F
1.35
C
1.27
G
5.0
D2.54
H
5.0
2.Marking
3. Matching Circuit to 50
GW5329
Color: Black or Blue
Cp1 =8.2pF, Ls2 =60nH*, Ls3 =60nH*, Cp4 =8.2pF
4.Typical Filter Response
Address:NO.120 Bldg,Jindi Industrial Estate,Futian District,Shenzhen,China. Tel:(86)755-26161582 Fax:(86)755-755-26160182 E-mail:guanwi@guanwi.com
GW


Similar Part No. - GW5329

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GW502 ETC-GW502 Datasheet
1Mb / 2P
Communication Gateway for Netcon 500 Outstation
logo
Shenzhen Luguang Electr...
GW50N65F1A LUGUANG-GW50N65F1A Datasheet
1Mb / 8P
650V /50A Trench Field Stop IGBT
Revision:20240701-P1
GW50N65SEK LUGUANG-GW50N65SEK Datasheet
530Kb / 2P
650V/50A Trench Field Stop IGBT
Revision:20240122-P1
GW50N65SEU LUGUANG-GW50N65SEU Datasheet
1Mb / 7P
650V/50A Trench Field Stop IGBT
Revision:20240531-P1
logo
indie Semiconductor
GW5200 INDIE-GW5200 Datasheet
142Kb / 2P
Camera Video Processor
Rev. 1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com