Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6012 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC6012
Description  Silicon NPN triple diffusion mesa type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC6012 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC6012 Datasheet HTML 1Page - Panasonic Semiconductor 2SC6012 Datasheet HTML 2Page - Panasonic Semiconductor 2SC6012 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC6012
2
SJD00321AED
PC  Ta
IC  VCE
IC  VBE
80
60
40
20
10
30
50
70
0
050
25
75
125
100
150
Ambient temperature T
a (°C)
(1)
(3)
(2)
(1) TC
= T
a
(2) With a 100
× 100 × 2 mm
Al heat sink
(3) Without heat sink
0
1
2
3
4
5
6
7
8
9
10
0
1
23
45
67
8
9 10
Collector-emitter voltage V
CE (V)
1.8 A
2.0 A
1.6 A
1.4 A
1.2 A
1.0 A
0.8 A
0.6 A
0.4 A
0.2 A
IB
= 0 A
0
1.4
1.2
1.0
0.8
0.2
0.6
0.4
0
2
4
6
8
10
12
Base-emitter voltage V
BE (V)
VCE
= 5 V
Ta
= 120°C
−40°C
25
°C
VCE(sat)  IC
hFE  IC
Safe operation area
10
1
0.1
0.1
0.01
10
1
Collector current I
C (A)
Ta
= 120°C
25
°C
−40°C
IC / IB
= 4
0.1
110
1
100
10
Collector current I
C (A)
Ta
= 120°C
25
°C
−40°C
VCE
= 5 V
Collector-emitter voltage V
CE (V)
10−1
10−2
10−3
10
1
100
1
10
100
1 000
ICP
IC
DC
t
=
1 ms
t
=
100
µs
t
=
10 ms
Non repetitive pulse
TC
= 25°C
Safe operation area (Horizontal operation)
30
15
20
25
10
5
0
01 000
500
1 500
2 000
Collector-emitter voltage V
CE (V)
fH
= 64 kHz, TC < 90°C
A.S.O for a single
pulse load caused by
EHT flash over during
horizontal operation.
< 1 mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com