Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS300-CS6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ICS300-CS6
Description  300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICS300-CS6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ICS300-CS6 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS300-CS6 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS300-CS6 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS300-CS6 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL SPECIFICATIONS
26
ELECTRICAL
Input Voltage
12 VDC or 24 VAC (
±10%)
Camera
<3 watts
Heaters
10 watts when active; thermostati-
cally controlled
Video Connector
BNC
GENERAL
Pan/Tilt Adjustment
Manual
180
° pan; 180° tilt
Construction
Aluminum base and cover, steel
camera mounting bracket
Environmental
Environment
Low temperature, indoor/outdoor
Operating Temperature
-50
° to 122°F (-46° to 50°C);
de-ices at -10
°F (-23°C)
Thermostat Operation
Heater is thermostatically
controlled to activate
ON at 50
°F (10°C) and
OFF at 80
°F (27°C)
PHYSICAL
Finish
Gray polyester powder coat
Dimensions
Camclosure
2.71 (diameter) x 7.79 (L) inches
(6.88 x 19.79 cm)
Sun Shroud
2.60 (H) x 6.13 (L) inches
(5.23 x 15.57 cm)
Snap fit design mounts sun shroud
to enclosure
Unit Weight
1.45 lb (0.66 kg)
Shipping Weight
2.0 lb (0.90 kg)
CERTIFICATIONS/RATINGS
x
CE and FCC, Class A (models with monochrome cameras
only, excluding auto iris models)
x
CE and FCC, Class B (models with color cameras only,
excluding auto iris models)
x
UL listed to Standard 2044
x
cUL to CSA C22.2 No.1
x
Meets IP66 when installed properly
x
Meets NEMA 4X when installed properly, includes:
– Corrosion protection test; NEMA 250, Section 6.9
(exceeds IEC 68-2-11)
– Rust resistance test; NEMA 250, Section 6.8
– Hose down test; NEMA 250, Section 6.7
– Exceeds SAE J1211 dust test
x
Tested in accordance with MIL-STD 810E as follows:
– Shock test; Section 516.4 (exceeds IEC 68-2-27)
– Humidity test; Sections 520.1 and 507.3 (exceeds IEC
68-2-30)
– Vibration test, Section 514.4 (exceeds IEC 68-2-6)
x
ASTM Shipping Standard
x
ISTA Shipping Standard
All tests are performed in accordance with ISO Guide 25
and ANSI/NCSL Z540-1
WINDOW VIEW
BASE VIEW
NOTE: VALUES IN PARENTHESES ARE CENTIMETERS;
ALL OTHERS ARE INCHES.
2.00
(5.08)
1.30
(3.30)
3.48
(8.84)
2.76
(7.01)
7.40
(18.79)
5.18
(13.20)
2.21
(5.61)
3.00
(7.62)
1.31
(3.32)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com