Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS300-CS12 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ICS300-CS12
Description  300 Series CamclosureTM Camera System INTEGRATED CAMERA SYSTEM, INDOOR/OUTDOOR, WALL OR CEILING
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICS300-CS12 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ICS300-CS12 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS300-CS12 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS300-CS12 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS300-CS12 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
27
TECHNICAL SPECIFICATIONS
CAMERA SPECIFICATIONS
Black & White
Color
Color
Color
Standard Resolution
Standard Resolution
High Resolution, Fixed Focal Lens High Resolution, Varifocal Lens
(Models ICSxxx-MAx/
(Models ICSxxx-CAx/
(Models ICSxxx-CRx/
(Models ICSxxx-CRVx/
ICSxxx-MCx)
ICSxxx-CCx)
ICSxxx-CSx)
ICSxxx-CSVx)
Signal System
EIA or CCIR
NTSC or PAL
NTSC or PAL
NTSC or PAL
Imaging Device
1/3-inch CCD
1/3-inch Interline Color CCD
1/3-inch Interline Color CCD
1/4-inch Interline Color CCD
(Super HAD)
Scanning System
2:1 Interlace
2:1 Interlace
2:1 Interlace
2:1 Interlace
Sync System
Internal
12 VDC: Internal
12 VDC: Internal
12 VDC: Internal
24 VAC: External (VD Lock)
24 VAC: External (VD Lock)
24 VAC: External (VD Lock)
Horizontal
Resolution
EIA:
420 TV lines
NTSC: 350 TV lines
NTSC: 470 TV lines
NTSC: 480 TV lines
CCIR: 420 TV lines
PAL:
350 TV lines
PAL:
460 TV lines
PAL:
480 TV lines
Signal-to-Noise
Ratio
50 dB
48 dB
48 dB
48 dB (AGC Off)
Min. Illumination
Sensitivity
0.1 lux (f2.0)
1 lux (f2.0)
1 lux (f2.0)
Less than 1.2 lux (f1.2)
Video Out
1 Vp-p Composite
1 Vp-p Composite
1 Vp-p Composite
1 Vp-p Composite
(75 ohm)
(75 ohm)
(75 ohm)
(75 ohm)
Gain Control
Auto
Auto
NTSC: Auto
On/Off by DIP switch
PAL:
Manual
(0-20dB)
Exposure
Electronic Shutter
Electronic Shutter
Electronic Shutter
Electronic Shutter
(1/60 - 1/100,000)
(1/60 - 1/100,000)
(1/60 - 1/100,000)
(1/60 - 1/100,000)
White Balance
(not applicable)
Auto
NTSC: Auto
Auto
PAL:
Manual
Backlight
Compensation
Auto
ON, OFF (switchable)
NTSC: Auto
Auto; adjusts AGC and AES
PAL:
Manual On/Off
Power Source*
12 VDC, 24 VAC
12 VDC, 24 VAC
12 VDC, 24 VAC
12 VDC, 24 VAC
*24 VAC power is recommended when installing any Camclosure™ Integrated Camera System under flourescent lighting conditions.
LENS SPECIFICATIONS
Fixed Focal Length Lenses
Varifocal Lens
Color
B/W
Color
B/W
Color
B/W
Color
B/W
Focal Length
2.9 mm
3.0 mm
6.0 mm
8.0 mm
12.0 mm
3.0 to 6.0 mm
Format Size
1/3-inch
1/3-inch
1/3-inch
1/3-inch
1/4-inch
Relative Aperture (F)
2.0
1.8
2.5
1.8
2.5
2.0
1.2 to 1.5
Operation
Iris
Fixed
Fixed
Fixed
Fixed
Auto (f1.2 to f300)
Focus
N/A
N/A
N/A
N/A
Manual (minimum 50 cm)
Zoom
N/A
N/A
N/A
N/A
Manual
Angle of View**
Horizontal
90
°
87
°
42
°
38
°
32
°
29
°
21
°
72
° to 36°
Diagonal
—
—
—
—
—
—
—
—
96
° to 46°
Vertical
69
°
67
°
33
°
30
°
25
°
23
°
17
°
52
° to 26°
**Focal length specifications presume a 10% Horizontal and 4% Vertical monitor overscan.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com