Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDB-C109 Datasheet(PDF) 1 Page - Luna Innovations Incorporated

Part # PDB-C109
Description  Blue Enhanced Photoconductive Silicon Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUNA [Luna Innovations Incorporated]
Direct Link  https://lunainc.com/
Logo LUNA - Luna Innovations Incorporated

PDB-C109 Datasheet(HTML) 1 Page - Luna Innovations Incorporated

  PDB-C109 Datasheet HTML 1Page - Luna Innovations Incorporated PDB-C109 Datasheet HTML 2Page - Luna Innovations Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C109
WWW.LUNAINC.COM
Precision – Control – Results
Information in this technical datasheet is believed to
be correct and reliable. However, no responsibility is
assumed for possible inaccuracies or omission.
Specifications are subject to change without notice.
Page /2
REV 01-04-16
© 2016 Luna Optoelectronics. All rights reserved.
Luna Optoelectronics, 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935
DESCRIPTION
FEATURES
The PDB-C109 is a blue enhanced PIN silicon photodiode in a
photoconductive mode, packaged in a TO-8 package.
• Low Noise
• Blue Enhanced
• High Shunt Resistance
• High Response
RELIABILITY
APPLICATIONS
Contact Luna for recommendations on specific test conditions and
procedures.
• Instrumentation
• Industrial
• Medical
ABSOLUTE MAXIMUM RATINGS
SYMBOL
MIN
MAX
UNITS
Reverse Voltage
-
-
75
V
Ta = 23°C UNLESS OTHERWISE NOTED
Storage Temperature
-55
to
+150
°C
-
Operating Temperature
-40
to
+125
°C
-
Soldering Temperature*
-
-
+240
°C
-
* 1/16 inch from case for 3 seconds max.
PACKAGE DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
TO-8 PACKAGE
Ø.555 [14.10]
Ø.545 [13.84]
.341 [8.66]
.231 [5.87]
.209 [5.31] ACTIVE AREA
.319 [8.10]
ACTIVE AREA
79°
VIEWING
ANGLE
Ø.444 [11.28]
.295 [7.49]
Ø.449 [11.40]
Ø.480 [12.19]
Ø.490 [12.45]
2X 1.50 [38.1]
2X Ø.018 [0.46]
ANODE
CATHODE
.065 [1.65]
.215 [5.46]
.016 [0.41] MAX
GLASS ABOVE CAP TOP EDGE


Similar Part No. - PDB-C109

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDB-C109 ETC2-PDB-C109 Datasheet
149Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
logo
Advanced Photonix, Inc.
PDB-C109 ADVANCEDPHOTONIX-PDB-C109 Datasheet
96Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
More results

Similar Description - PDB-C109

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDB-C109 ETC2-PDB-C109 Datasheet
149Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
logo
Advanced Photonix, Inc.
PDB-C107 ADVANCEDPHOTONIX-PDB-C107 Datasheet
98Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C110 ADVANCEDPHOTONIX-PDB-C110 Datasheet
97Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C113 ADVANCEDPHOTONIX-PDB-C113 Datasheet
93Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C122 ADVANCEDPHOTONIX-PDB-C122 Datasheet
96Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C140 ADVANCEDPHOTONIX-PDB-C140 Datasheet
95Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C164 ADVANCEDPHOTONIX-PDB-C164 Datasheet
128Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C165 ADVANCEDPHOTONIX-PDB-C165 Datasheet
119Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
logo
Luna Innovations Incorp...
PDB-C107 LUNA-PDB-C107 Datasheet
187Kb / 2P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C140 LUNA-PDB-C140 Datasheet
118Kb / 2P
Blue Enhanced Photoconductive Silicon Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com