Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDB-C152SM Datasheet(PDF) 2 Page - Luna Innovations Incorporated

Part # PDB-C152SM
Description  Photodiode in Plastic Surface Mount Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUNA [Luna Innovations Incorporated]
Direct Link  https://lunainc.com/
Logo LUNA - Luna Innovations Incorporated

PDB-C152SM Datasheet(HTML) 2 Page - Luna Innovations Incorporated

  PDB-C152SM Datasheet HTML 1Page - Luna Innovations Incorporated PDB-C152SM Datasheet HTML 2Page - Luna Innovations Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photodiode in Plastic Surface Mount Package
PDB-C152SM
WWW.LUNAINC.COM
Precision – Control – Results
Information in this technical datasheet is believed to
be correct and reliable. However, no responsibility is
assumed for possible inaccuracies or omission.
Specifications are subject to change without notice.
Page 2/2
REV 01-04-16
© 2016 Luna Optoelectronics. All rights reserved.
Luna Optoelectronics, 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935
OPTO-ELECTRICAL PARAMETERS
Ta = 23°C UNLESS NOTED OTHERWISE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Short Circuit Current
H= 100 fc, 2850 K
8
10
-
µA
Dark Current
VR = 10 V
-
2
10
nA
Shunt Resistance
VR = 10 mV
500
-
-
GΩ
Junction Capacitance
VR =10V; f = 1 MHz
-
15
20
pF
Spectral Application Range
Spot Scan
400
-
1100
nm
Breakdown Voltage
I=10
µA
50
100
-
V
Noise Equivalent Power
VR =10V@λ= Peak
-
1.5x10
-13
-
W/ √
Hz
Response Time**
RL = 1KΩ,V
R = 50 V
-
50
-
nS
**Response time of 10% to 90% is specified at 660nm wavelength light.
TYPICAL PERFORMANCE
SPECTRAL RESPONSE
0.00
0.10
0.20
0.30
0.40
0.50
0.60
Wavelength (nm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com