Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL65D6SA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QL65D6SA
Description  InGaAlP Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL65D6SA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QL65D6SA Datasheet HTML 1Page - List of Unclassifed Manufacturers QL65D6SA Datasheet HTML 2Page - List of Unclassifed Manufacturers QL65D6SA Datasheet HTML 3Page - List of Unclassifed Manufacturers QL65D6SA Datasheet HTML 4Page - List of Unclassifed Manufacturers QL65D6SA Datasheet HTML 5Page - List of Unclassifed Manufacturers QL65D6SA Datasheet HTML 6Page - List of Unclassifed Manufacturers QL65D6SA Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
QL65D6SA
InGaAlP Laser Diode
Quantum Semiconductor International Co., Ltd.
2003. Rev 0
♦OVERVIEW
QL65D6SA is a MOCVD grown 650nm band InGaAlP laser diode with quantum well structure.
It's an attractive light source, with a typical light output power of 5mW for optoelectronic devices
such as Bar Code Reader.
♦APPLICATION
- Optical Leveler
- Laser Module
- Bar Code Reader
♦FEATURES
- Visible Light Output
:
λp = 650 nm
- Optical Power Output
:
5mW CW
- Package Type
:
TO-18 (5.6mm
φ)
- Built-in Photo Diode for Monitoring Laser Diode
♦ELECTRICAL CONNECTION
Bottom View
Pin Configuration



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com