Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

245SC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 245SC
Description  245SC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

245SC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  245SC Datasheet HTML 1Page - List of Unclassifed Manufacturers 245SC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICHE TECNICHE
245SC
DIAGRAMMA DELLE PERDITE DI CARICO
Dim.
30%
40%
50%
60%
70%
80%
100%
Kv
0.18
0.46
0.8
1.2
1.9
2.6
5
PN
25
DIAGRAMMA PRESSIONE / TEMPERATURA
LIMITI DI PRESSIONE / TEMPERATURA RACCOMANDATI
10 bar - 115°C - non rottura



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com