Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSINT2012 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # APSINT2012
Description  2000W APS INT Series 12VDC 230V Inverter/Charger with Auto Transfer Switching, Hardwired
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSINT2012 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  APSINT2012 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSINT2012 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSINT2012 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSINT2012 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved APSINT2012 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications
OVERVIEW
UPC Code
037332090331
OUTPUT
Nominal Output Voltage(s)
Supported
230V
Frequency Compatibility
50 Hz
Output Receptacles
Hardwire
Pure Sine Wave Output
No
Output (Watts)
2000
Continuous Output Capacity (Watts)
2000
Peak Output Capacity (Watts)
4000
Output Voltage Regulation
LINE POWER (AC): Maintains 230V nominal sine wave output from line power source. INVERTER POWER (AC):
Maintains PWM sine wave output voltage of 230 VAC (+/-5%).
Output Frequency Regulation
50 Hz (+/- 0.3 Hz)
Overload Protection
Includes 10A input breaker dedicated to the charging system and 15A output breaker for AC output loads
INPUT
Nominal Input Voltage(s) Supported
230V AC
Recommended Electrical Service
DC INPUT: Requires 12VDC input source capable of delivering 192A for the required duration (when used at full
continuous capacity - DC requirements increase during OverPower and DoubleBoost operation). For automotive
applications, professional hardwire installation with 400A minimum battery system fusing is recommended.
Maximum Input Amps / Watts
DC INPUT: Full continuous load - 192A at 12VDC. AC INPUT: 17 amps at 230VAC with full inverter and charger
load (8.7A max charger-only / combined input load to support charger and AC output is automatically controllable to
66%-33%-0% based on AC output loading using the charger limiting set points - see manual for setting instructions)
Input Connection Type
DC INPUT: Set of 2 DC bolt-down terminals. AC INPUT: Hardwire via built in junction box with cover plate
Voltage Compatibility (VAC)
230
Voltage Compatibility (VDC)
12
Input Frequency
50Hz
BATTERY
Expandable Battery Runtime
Runtime is expandable with any number of user supplied wet or gel type batteries
DC System Voltage (VDC)
12
Battery Pack Accessory (Optional)
&nbsp;<a class="productLink" href="//www.tripplite.com/12VDC-Sealed-Maintenance-Free-Battery-All-Inverter-
Chargers-12VDC-Battery-Connections~98-121">98-121</a>&nbsp;sealed lead acid battery (optional)
Battery Charge
Selectable 15 / 60 amp
Expandable Runtime
Yes
3 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com