Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B022-002-KT-R Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B022-002-KT-R
Description  2-Port Desktop KVM Switch with 2 KVM Cable Kits (PS2)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B022-002-KT-R Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B022-002-KT-R Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B022-002-KT-R Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B022-002-KT-R Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
2-Port Desktop KVM Switch with 2 KVM Cable
Kits (PS2)
MODEL NUMBER: B022-002-KT-R
Description
Tripp Lite's B022-002-KT-R 2-port KVM Switch is the optimal solution for controlling 2 computers from one
keyboard, mouse and monitor. Installation is a snap - just connect the PCs using the included PS/2 cable
kits. P776-Series USB KVM cable kits are available separately for connection of USB computers. Easily
switch between computers via front-panel push buttons or keyboard hotkey commands.
Features
Control 2 computers from a single keyboard, mouse, and monitor
q
Comes with 2 PS/2 KVM cable kits
q
P776-Series USB KVM cable kits are available separately for connection of USB computers
q
Supports VGA, SVGA, or Multisync monitors
q
Easy to install - no software required
q
Easily select a computer via front-panel push buttons or keyboard hotkeys
q
Auto Scan function to monitor computer operation
q
Supports Microsoft IntelliMouse and the scrolling wheel on most mice
q
Superior video quality - up to 2048x1536; DDC2B
q
External power not required
q
Compatible with all major operating systems except Mac and Sun
q
Highlights
Control 2 computers with 1
keyboard, monitor and mouse
q
Comes with 2 PS/2 KVM cable
kits
q
P776-Series USB KVM cable
kits are available separately for
connection of USB computers
q
Simple plug-and-play design
q
Ultra-slim design takes up
minimal space
q
Compatible with all major
operating systems except Mac
and Sun
q
System Requirements
VGA, SVGA or Multisync
Monitor with an HD15 port
q
PS/2 mouse
q
PS/2 keyboard
q
PS/2 or USB computer
q
Compatible with all major
operating systems except Mac
and Sun
q
Package Includes
B022-002-KT-R 2-port KVM
Switch
q
(x2) PS/2 KVM Cable Kits
q
PS/2 console cable kit
q
Owner's Manual
q
OVERVIEW
UPC Code
037332120236
1 / 3


Similar Part No. - B022-002-KT-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B022-002-KT-R ETC2-B022-002-KT-R Datasheet
484Kb / 4P
2-Port Desktop KVM Switch w/ 2 KVM Cable Kits
More results

Similar Description - B022-002-KT-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B022-002-KT-R ETC2-B022-002-KT-R Datasheet
484Kb / 4P
2-Port Desktop KVM Switch w/ 2 KVM Cable Kits
B022-004-R ETC2-B022-004-R Datasheet
491Kb / 3P
4-Port Desktop KVM Switch
logo
Tripp Lite. All Rights ...
B006VU4R TRIPPLITE-B006VU4R Datasheet
482Kb / 2P
4-Port Desktop KVM Switch (USB)
B022002KTR TRIPPLITE-B022002KTR Datasheet
476Kb / 2P
2-Port Desktop KVM Switch w- 2 KVM Cable Kits (PS2)
B022004R TRIPPLITE-B022004R Datasheet
488Kb / 2P
4-Port Desktop KVM Switch
logo
Level One
KVM-0222 LVL1-KVM-0222 Datasheet
929Kb / 2P
2-Port USB KVM Switch
KVM-0223 LVL1-KVM-0223 Datasheet
588Kb / 3P
2-Port Cable KVM Switch, VGA, USB, Audio
KVM-0290 LVL1-KVM-0290 Datasheet
566Kb / 3P
2-Port Cable KVM Switch, HDMI, USB
logo
Tripp Lite. All Rights ...
B006-VU4-R TRIPPLITE-B006-VU4-R Datasheet
480Kb / 3P
4-Port Desktop KVM Switch (USB)
B022-004-R TRIPPLITE-B022-004-R Datasheet
159Kb / 2P
4-Port Desktop KVM Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com