Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSE-B20250-045H Datasheet(PDF) 1 Page - CUI INC

Part # HSE-B20250-045H
Description  HEAT SINK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

HSE-B20250-045H Datasheet(HTML) 1 Page - CUI INC

  HSE-B20250-045H Datasheet HTML 1Page - CUI INC HSE-B20250-045H Datasheet HTML 2Page - CUI INC HSE-B20250-045H Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 05/11/2017
page 1 of 3
cui.com
MODEL: HSE-B20250-045H
│ DESCRIPTION: HEAT SINK
FEATURES
• TO-220 package
• placement pins for secure PCB mounting
• round hole for component attachment
• black anodized finish
MODEL
thermal resistance1
power
dissipation1
@ 75°C ΔT,
nat conv
(°C/W)
@ 1 W,
nat conv
(°C/W)
@ 1 W,
200 LFM
(°C/W)
@ 1 W,
400 LFM
(°C/W)
@ 75°C ΔT,
nat conv
(W)
HSE-B20250-045H
9.74
12.29
4.05
2.84
7.70
Note:
1. See performance curves for full thermal resistance details.
PERFORMANCE CURVES
Without Airflow
200 LFM
400 LFM
0
10
20
30
40
50
60
70
80
90
100
01
23
45
Dissipated Power (W)
67
89
10
Heatsink Temperature Rise Above
Ambient (ΔT = Ths - Ta) (°C)
Power
(W)
Natural
Conv.
200 LFM
400 LFM
0
0
0
0
1
12.29
4.05
2.84
2
23.82
7.75
6.41
3
34.26
11.31
9.58
4
44.14
15.68
12.55
5
53.47
19.34
16.03
6
62.05
22.49
18.96
7
70.15
26.38
21.56
8
77.35
30.60
25.15
9
84.60
34.29
28.46
10
90.94
37.71
31.61
Ths: “hot spot” temperature measured on the heatsink
Ta: ambient temperature
For more information, please visit the product page.


Similar Part No. - HSE-B20250-045H

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSE-B20250-040H CUI-HSE-B20250-040H Datasheet
550Kb / 5P
HEAT SINK
HSE-B20250-040H-01 CUI-HSE-B20250-040H-01 Datasheet
480Kb / 5P
HEAT SINK
More results

Similar Description - HSE-B20250-045H

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSS-B20-02 CUI-HSS-B20-02 Datasheet
292Kb / 3P
HEAT SINK
HSE-18X CUI-HSE-18X Datasheet
512Kb / 6P
HEAT SINK
HSE-B18X-060H-W CUI-HSE-B18X-060H-W Datasheet
481Kb / 6P
HEAT SINK
HSE-BX-035H CUI-HSE-BX-035H Datasheet
547Kb / 8P
HEAT SINK
HSE-BX-035H-01 CUI-HSE-BX-035H-01 Datasheet
378Kb / 4P
HEAT SINK
HSB05-171711 CUI-HSB05-171711 Datasheet
302Kb / 3P
HEAT SINK
HSB09-212115 CUI-HSB09-212115 Datasheet
391Kb / 3P
HEAT SINK
HSB14-353518 CUI-HSB14-353518 Datasheet
396Kb / 3P
HEAT SINK
logo
CUI Devices
HSB03-141406 CUID-HSB03-141406 Datasheet
362Kb / 3P
HEAT SINK
08/05/2022
logo
TRACO Electronic AG
TEN-HS1 TRACOPOWER-TEN-HS1 Datasheet
263Kb / 1P
Heat Sink
Rev. November 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com