Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSE-BX-040H Datasheet(PDF) 1 Page - CUI INC

Part # HSE-BX-040H
Description  HEAT SINK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

HSE-BX-040H Datasheet(HTML) 1 Page - CUI INC

  HSE-BX-040H Datasheet HTML 1Page - CUI INC HSE-BX-040H Datasheet HTML 2Page - CUI INC HSE-BX-040H Datasheet HTML 3Page - CUI INC HSE-BX-040H Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 05/04/2017
page 1 of 4
cui.com
SERIES: HSE-BX-040H
│ DESCRIPTION: HEAT SINK
FEATURES
• TO-220 package
• placement pins for secure PCB attachment
• round hole for component attachment
• multiple available cut lengths
MODEL
thermal resistance1
power
dissipation1
length
(mm)
@ 75°C ΔT,
nat conv
(°C/W)
@ 1 W,
nat conv
(°C/W)
@ 1 W,
200 LFM
(°C/W)
@ 1 W,
400 LFM
(°C/W)
@ 75°C ΔT,
nat conv
(W)
HSE-B20254-040H
25.4
13.16
16.13
7.74
5.77
5.70
HSE-B20381-040H
38.1
11.54
12.28
3.62
2.88
6.50
Note:
1. See performance curves for full thermal resistance details.
2. Custom cut to length options available. Thermal data not available on custom lengths.
PERFORMANCE CURVES
0
10
20
30
40
50
60
70
80
90
100
01
23
45
Dissipated Power (W)
67
89
10
Without Airflow
200 LFM
400 LFM
Heatsink Temperature Rise Above
Ambient (ΔT = Ths - Ta) (°C)
Power
(W)
Natural
Conv.
200 LFM
400 LFM
0
0
0
0
1
16.13
7.74
5.77
2
29.25
15.62
11.53
3
42.80
23.81
17.04
4
55.72
31.68
22.66
5
67.84
39.53
28.21
6
78.06
47.35
33.83
7
88.34
54.42
39.65
8
97.77
62.21
45.28
9
107.55
69.81
50.42
10
117.33
77.16
56.11
Ths: “hot spot” temperature measured on the heatsink
Ta: ambient temperature
HSE-B20254-040H
For more information, please visit the product page.


Similar Part No. - HSE-BX-040H

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSE-BX-045H CUI-HSE-BX-045H Datasheet
467Kb / 5P
HEAT SINK
HSE-BX-04H CUI-HSE-BX-04H Datasheet
357Kb / 4P
HEAT SINK
HSE-BX-04H-01 CUI-HSE-BX-04H-01 Datasheet
455Kb / 5P
HEAT SINK
More results

Similar Description - HSE-BX-040H

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSS-B20-02 CUI-HSS-B20-02 Datasheet
292Kb / 3P
HEAT SINK
HSE-18X CUI-HSE-18X Datasheet
512Kb / 6P
HEAT SINK
HSE-B18X-060H-W CUI-HSE-B18X-060H-W Datasheet
481Kb / 6P
HEAT SINK
HSE-B20250-045H CUI-HSE-B20250-045H Datasheet
294Kb / 3P
HEAT SINK
HSE-BX-035H CUI-HSE-BX-035H Datasheet
547Kb / 8P
HEAT SINK
HSE-BX-035H-01 CUI-HSE-BX-035H-01 Datasheet
378Kb / 4P
HEAT SINK
HSB05-171711 CUI-HSB05-171711 Datasheet
302Kb / 3P
HEAT SINK
HSB09-212115 CUI-HSB09-212115 Datasheet
391Kb / 3P
HEAT SINK
HSB14-353518 CUI-HSB14-353518 Datasheet
396Kb / 3P
HEAT SINK
logo
CUI Devices
HSB03-141406 CUID-HSB03-141406 Datasheet
362Kb / 3P
HEAT SINK
08/05/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com