Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS432AFSN Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AS432AFSN
Description  1.24V Precision Adjustable Shunt Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS432AFSN Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AS432AFSN Datasheet HTML 1Page - List of Unclassifed Manufacturers AS432AFSN Datasheet HTML 2Page - List of Unclassifed Manufacturers AS432AFSN Datasheet HTML 3Page - List of Unclassifed Manufacturers AS432AFSN Datasheet HTML 4Page - List of Unclassifed Manufacturers AS432AFSN Datasheet HTML 5Page - List of Unclassifed Manufacturers AS432AFSN Datasheet HTML 6Page - List of Unclassifed Manufacturers AS432AFSN Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
28
www.ptcc.com.tw
AS432
1.24V Precision Adjustable Shunt Reference
R1
R2
IK
VIN
VKA
(VREF)
IREF
IREF
IK
VIN
VKA = VREF
IK (OFF)
VIN
VKA
0
–5
–10
0.2
2000
00
015
0.021 mV/
°C
0.008%/
°C
8.0 ppm/
°C
30
45
60
75
90
105
∆V
REF
∆T
Temperature (
°C)
• TC in mV/
°C =
• TC in %/
°C =
∆T
A
∆T
A
X 100
∆V
REF (mV)
V
REF at 25°C
∆V
REF
• TC in ppm/
°C =
∆T
A
X 106
V
REF at 25°C
∆V
REF
Figure 1a. Test Circuit 1
Figure 1b. Test Circuit 2
Figure 1c. Test Circuit 3
Test Circuits
Typical Performance Curves
* Calculating Average Temperature Coefficient (TC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com