Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS432CFSN Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AS432CFSN
Description  1.24V Precision Adjustable Shunt Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS432CFSN Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AS432CFSN Datasheet HTML 1Page - List of Unclassifed Manufacturers AS432CFSN Datasheet HTML 2Page - List of Unclassifed Manufacturers AS432CFSN Datasheet HTML 3Page - List of Unclassifed Manufacturers AS432CFSN Datasheet HTML 4Page - List of Unclassifed Manufacturers AS432CFSN Datasheet HTML 5Page - List of Unclassifed Manufacturers AS432CFSN Datasheet HTML 6Page - List of Unclassifed Manufacturers AS432CFSN Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
31
www.ptcc.com.tw
AS432
1.24V Precision Adjustable Shunt Reference
100
10
1.0
0.1
0.01
1 k
10 k
100 k
f – Frequency (Hz)
1 M
10 M
T
A = 25°C
I
K = 1 to 100 mA
Dynamic Output Impedance
80
70
60
50
40
30
20
10
0
1 k
10 k
100 k
1 M
10 M
f – Frequency (Hz)
230
Ω
I
K
Temperature Range: –55
° to 125°C
I
K = 10 mA
OUT
GND
15 k
8.25 k
9
µF
Small Signal Voltage Gain vs. Frequency
Figure 10
Figure 11
Typical Performance Curves



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com