Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7266D Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7266D
Description  5W5W DUAL BRIDGE AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7266D Datasheet HTML 5Page - STMicroelectronics TDA7266D Datasheet HTML 6Page - STMicroelectronics TDA7266D Datasheet HTML 7Page - STMicroelectronics TDA7266D Datasheet HTML 8Page - STMicroelectronics TDA7266D Datasheet HTML 9Page - STMicroelectronics TDA7266D Datasheet HTML 10Page - STMicroelectronics TDA7266D Datasheet HTML 11Page - STMicroelectronics TDA7266D Datasheet HTML 12Page - STMicroelectronics TDA7266D Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
TDA7266D
12/13
OUTLINE AND
MECHANICAL DATA
e
a2
A
E
a1
PSO20MEC
DETAIL A
T
D
110
11
20
E1
E2
h x 45
DETAIL A
lead
slug
a3
S
Gage Plane
0.35
L
DETAIL B
R
DETAIL B
(COPLANARITY)
GC
- C -
SEATING PLANE
e3
b
c
N
N
H
BOTTOM VIEW
E3
D1
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.6
0.142
a1
0.1
0.3
0.004
0.012
a2
3.3
0.130
a3
0
0.1
0.000
0.004
b
0.4
0.53
0.016
0.021
c
0.23
0.32
0.009
0.013
D (1)
15.8
16
0.622
0.630
D1
9.4
9.8
0.370
0.386
E
13.9
14.5
0.547
0.570
e
1.27
0.050
e3
11.43
0.450
E1 (1)
10.9
11.1
0.429
0.437
E2
2.9
0.114
E3
5.8
6.2
0.228
0.244
G
0
0.1
0.000
0.004
H
15.5
15.9
0.610
0.626
h
1.1
0.043
L
0.8
1.1
0.031
0.043
N
8˚ (typ.)
S
8˚ (max.)
T
10
0.394
(1) “D and E1” do not include mold flash or protusions.
- Mold flash or protusions shall not exceed 0.15mm (0.006”)
- Critical dimensions: “E”, “G” and “a3”.
PowerSO20
0056635
JEDEC MO-166
Weight: 1.9gr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com