Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA947GG Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # TA947GG
Description  SAW Filter 947.5 MHz For GSM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

TA947GG Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  TA947GG Datasheet HTML 1Page - Golledge Electronics Ltd TA947GG Datasheet HTML 2Page - Golledge Electronics Ltd TA947GG Datasheet HTML 3Page - Golledge Electronics Ltd TA947GG Datasheet HTML 4Page - Golledge Electronics Ltd TA947GG Datasheet HTML 5Page - Golledge Electronics Ltd TA947GG Datasheet HTML 6Page - Golledge Electronics Ltd TA947GG Datasheet HTML 7Page - Golledge Electronics Ltd TA947GG Datasheet HTML 8Page - Golledge Electronics Ltd TA947GG Datasheet HTML 9Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 947.5 MHz For GSM
Model: TA947GG
Part No: MA04712
REV. NO.: 5
TA947GG v5
1
A. MAXIMUM RATING:
1.Input Power Level: +15 dBm
2.DC voltage: -5 ~+5V
3.Operating Temperature: -30
C ~ +85C
4.Storage Temperature: -40
C ~ +85C
B. ELECTRICAL CHARACTERISTICS:
Characteristics
Value
Note
Min.
Typ.
Max.
Center frequency
FC
MHz
-
947.5
-
-
Insertion loss( 935~960 MHz) I.L.
dB
-
2.7
3.5
-
V.S.W.R( 935~960 MHz)
dB
-
1.6
2.3
-
Ripple( 935~960 MHz)
dB
-
0.6
1.4
-
Attenuation:( Reference level from 0 dB)
1) D.C. ~ 871 MHz
dB
50
62.1
-
-
2) 890 ~ 915 MHz
dB
30
43.9
-
-
3) 980 ~ 1025 MHz
dB
25
28.6
-
-
4) 1025 ~ 2000 MHz
dB
45
54.1
-
-
5) 2000 ~ 3000 MHz
dB
20
26.8
-
-
Impedance at FC ; Input ZIN =RIN//CIN
50
 // 0 PF
1
Output ZOUT =ROUT//COUT
50
 // 0 PF
1
Note1
Z
IN =5 0  // 0 p F
Z
OUT=50  // 0 p F
Source im pedance
50
Load im pedance
50


Similar Part No. - TA947GG

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA947GG TAI-SAW-TA947GG Datasheet
150Kb / 8P
SAW Filter 947.5 MHz 25 MHz Bw For GSM
More results

Similar Description - TA947GG

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
802-RF947.5M-A OSCILENT-802-RF947.5M-A Datasheet
176Kb / 2P
947.5 MHz RF SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0748A TAI-SAW-TA0748A Datasheet
270Kb / 8P
SAW Filter 947.5 MHz SMD 3.0X3.0mm for GSM
TA947FG TAI-SAW-TA947FG Datasheet
383Kb / 7P
SAW Filter 947.5 MHz SMD 3.0 SQ for GSM
TA0991A TAI-SAW-TA0991A Datasheet
394Kb / 7P
SAW Filter 947.5 MHz
logo
RF Monolithics, Inc
SF1184B-1 RFM-SF1184B-1 Datasheet
201Kb / 6P
947.5 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF0948BA02589S SPECTRUM-SF0948BA02589S Datasheet
118Kb / 3P
947.5 MHz SAW Filter 25 MHz Bandwidth
logo
Murata Manufacturing Co...
SF1184B-1 MURATA-SF1184B-1 Datasheet
201Kb / 6P
947.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA947GG TAI-SAW-TA947GG Datasheet
150Kb / 8P
SAW Filter 947.5 MHz 25 MHz Bw For GSM
TA0748B TAI-SAW-TA0748B Datasheet
369Kb / 8P
SAW Filter 947.5 MHz For GSM
logo
Golledge Electronics Lt...
MA04711 GOLLEDGE-MA04711 Datasheet
136Kb / 7P
SAW Filter 947.5 MHz for Mobile Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com