Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

94MTKB Datasheet(PDF) 1 Page - International Rectifier

Part # 94MTKB
Description  THREE PHASE AC SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

94MTKB Datasheet(HTML) 1 Page - International Rectifier

  94MTKB Datasheet HTML 1Page - International Rectifier 94MTKB Datasheet HTML 2Page - International Rectifier 94MTKB Datasheet HTML 3Page - International Rectifier 94MTKB Datasheet HTML 4Page - International Rectifier 94MTKB Datasheet HTML 5Page - International Rectifier 94MTKB Datasheet HTML 6Page - International Rectifier 94MTKB Datasheet HTML 7Page - International Rectifier 94MTKB Datasheet HTML 8Page - International Rectifier 94MTKB Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
50 A
90 A
100 A
THREE PHASE AC SWITCH
Bulletin I27504 08/97
1
MT..KB SERIES
Power Modules
www.irf.com
Parameters
54MT.KB 94MT.KB 104MT.KB Units
I
O
50
90
100
A
@ T
C
80
80
80
°C
I
FSM
@ 50Hz
390
950
1130
A
@ 60Hz
410
1000
1180
A
I
2t
@ 50Hz
770
4525
6380
A
2s
@ 60Hz
700
4130
5830
A
2s
I
2√t
7700
45250
63800
A
2√s
V
RRM
range
800 to 1600
V
T
STG range
- 40 to 125
°C
T
J
range
- 40 to 125
°C
Major Ratings and Characteristics
Features
Package fully compatible with the industry standard INT-A-pak
power modules series
High thermal conductivity package, electrically insulated case
Outstanding number of power encapsulated components
Excellent power volume ratio
4000 V
RMS
isolating voltage
UL E78996 approved
Description
A range of extremely compact, encapsulated three phase
AC-switches offering efficient and reliable operation. They
are intended for use in general purpose and heavy duty
applications as control motor starter.


Similar Part No. - 94MTKB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
94MT100KPBF VISHAY-94MT100KPBF Datasheet
183Kb / 9P
Three Phase AC Switch (Power Modules), 50 A to 100 A
05-May-08
94MT120KPBF VISHAY-94MT120KPBF Datasheet
183Kb / 9P
Three Phase AC Switch (Power Modules), 50 A to 100 A
05-May-08
94MT140KPBF VISHAY-94MT140KPBF Datasheet
183Kb / 9P
Three Phase AC Switch (Power Modules), 50 A to 100 A
05-May-08
94MT160KPBF VISHAY-94MT160KPBF Datasheet
183Kb / 9P
Three Phase AC Switch (Power Modules), 50 A to 100 A
05-May-08
94MT80KPBF VISHAY-94MT80KPBF Datasheet
183Kb / 9P
Three Phase AC Switch (Power Modules), 50 A to 100 A
05-May-08
More results

Similar Description - 94MTKB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
54MT100KB IRF-54MT100KB Datasheet
156Kb / 10P
THREE PHASE AC SWITCH
logo
Green Power Solutions s...
GOA94004C GPSEMI-GOA94004C Datasheet
179Kb / 3P
THREE PHASE AC-SWITCH
GOA94006C GPSEMI-GOA94006C Datasheet
178Kb / 3P
THREE PHASE AC-SWITCH
GOA95009 GPSEMI-GOA95009 Datasheet
398Kb / 2P
THREE PHASE AC-SWITCH
GOA94024 GPSEMI-GOA94024 Datasheet
332Kb / 3P
THREE PHASE AC-SWITCH
GOA94004C GPSEMI-GOA94004C_17 Datasheet
101Kb / 3P
THREE PHASE AC-SWITCH
GOA94010 GPSEMI-GOA94010_17 Datasheet
96Kb / 3P
THREE PHASE AC-SWITCH
GOA95002W GPSEMI-GOA95002W Datasheet
103Kb / 2P
THREE PHASE AC-SWITCH
GOA95006 GPSEMI-GOA95006_17 Datasheet
105Kb / 2P
THREE PHASE AC-SWITCH
GOA95009 GPSEMI-GOA95009_17 Datasheet
105Kb / 2P
THREE PHASE AC-SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com