Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54MTKB Datasheet(PDF) 10 Page - International Rectifier

Part # 54MTKB
Description  THREE PHASE AC SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

54MTKB Datasheet(HTML) 10 Page - International Rectifier

Back Button 54MTKB Datasheet HTML 2Page - International Rectifier 54MTKB Datasheet HTML 3Page - International Rectifier 54MTKB Datasheet HTML 4Page - International Rectifier 54MTKB Datasheet HTML 5Page - International Rectifier 54MTKB Datasheet HTML 6Page - International Rectifier 54MTKB Datasheet HTML 7Page - International Rectifier 54MTKB Datasheet HTML 8Page - International Rectifier 54MTKB Datasheet HTML 9Page - International Rectifier 54MTKB Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
54-94-104MT..KB Series
9
Bulletin I27504 08/97
www.irf.com
Fig. 16 - Thermal Impedance Z
thJC Characteristics
Fig. 17 - Gate Characteristics
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Per Junction
104MT..KB Series
94MT..KB Series
54MT..KB Series
Steady State Value
R
= 1.05 K/W
R
= 0.77 K/W
R
= 0.69 K/W
(DC Operation)
thJC
thJC
thJC
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
(b)
(a)
Rectangular gatepulse
(4) (3)
(2) (1)
(1) PGM = 100 W, tp = 500 µs
(2) PGM = 50 W, tp = 1 ms
(3) PGM = 20 W, tp = 25 ms
(4) PGM = 10 W, tp = 5 ms
Instantaneous Gate Current (A)
VGD
IGD
Frequency Limited by PG(AV)
rated di/dt: 20 V, 30 ohms
tr = 0.5 µs, tp >= 6 µs
<= 30% rated di/dt: 20V, 65 ohms
tr = 1 µs, tp >= 6 µs
a) Recommended load line for
b) Recommended load line for
54/ 94/ 104MT..KB Series



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com