Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDF-J Datasheet(PDF) 4 Page - CUI INC

Part # SDF-J
Description  STANDARD DIN CONNECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SDF-J Datasheet(HTML) 4 Page - CUI INC

  SDF-J Datasheet HTML 1Page - CUI INC SDF-J Datasheet HTML 2Page - CUI INC SDF-J Datasheet HTML 3Page - CUI INC SDF-J Datasheet HTML 4Page - CUI INC SDF-J Datasheet HTML 5Page - CUI INC SDF-J Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
CUI Inc
│ SERIES: SDF-J │ DESCRIPTION: STANDARD DIN CONNECTOR
date 07/24/2018
│ page 4 of 6
MECHANICAL DRAWINGS (CONTINUED)
SDF-60J
5.00 0.197
2.40 0.094
(2 PLCS)
15.0 0.591
10.0 0.394
5.00.197
(2 PLCS)
10.0 0.394
(3 PLCS)
12.5 0.492
(2 PLCS)
1.30 0.051
(8 PLCS)
15.0 0.591
5.0 0.197
2.7 0.106
10.0 0.394
12.5 0.492
2.5 0.098
6.5 0.256
5.00 0.197
10.0 0.394
15.0 0.591
7.00.276
30°
30°
PCB LAYOUT
TOP VIEW
1
2
3
4
5
6
5
1
2
6
3
Mounting Hole
(2 PLCS)
4
0.073
(2 PLCS)
15.7
0.087
2.2
0.138
(TYP)
6.0
0.618
0.236
1.85
3.5
18.0 0.709
1.00.039
(6 PLCS)
0.106
(2 PLCS)
20.7 0.815
0.579
14.7
0.843
21.4
10.0 0.394
(2 PLCS)
0.063
1.6
2.7
1.0 0.039
(2 PLCS)
SDF-70J
10.0 0.394
15.0 0.591
5.00.197
(2 PLCS)
12.5 0.492
(4 PLCS)
10.0 0.394
(3 PLCS)
5.00 0.197
2.40 0.094
(2 PLCS)
1.30 0.051
(9 PLCS)
10.0 0.394
45°
45°
5.00.197
10.0 0.394
15.0 0.591
7.00.276
2.7 0.106
5.0 0.197
10.0 0.394
12.5 0.492
PCB LAYOUT
TOP VIEW
3
7
6
1
75 46
31
2
2
4
Mounting Hole
(2 PLCS)
5
14.70 0.579
20.7 0.815
(2 PLCS)
0.106
0.843
21.4
2.70
1.0 0.039
(2 PLCS)
1.60.063
(2 PLCS)
6.0 0.236
0.740
18.8
0.087
2.2
(2 PLCS)
0.073
1.85
6.5 0.256
(TYP)
0.039
1.0
(7 PLCS)
3.50.138
19.50.768
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com