Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2740-RQHH Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR2740-RQHH
Description  DAB DIGITAL PROCESSING DEVICE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2740-RQHH Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR2740-RQHH Datasheet HTML 1Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 2Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 3Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 4Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 5Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 6Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
ATR2740 [Preliminary]
4816BS–DAB–11/04
1.5
High-level output
voltage
I
OH = 0.3 mA
VDD18 = 1.65 V
V
OH
VDD18
-0.1
V
1.12
Crystal oscillator
frequency
24.576
MHz
1.13
Clock duty cycle
40
60
%
1.15
USB DC supply
voltage
Full speed
VDD33
3
3.3
3.6
V
1.16
USB input low level
VILUSB
0.8
V
1.17
USB input high level
VIHUSB
2.0
V
1.18
USB differential input
sensitivity
VDIUSB
0.2
V
1.19
USB differential input
common mode range
VCMUSB
0.8
2.5
V
1.20
USB output low level
VOLUSB
0.0
0.3
V
1.21
USB output high level
VOHUSB
2.8
3.6
V
1.22
Transition rise time
Full speed
TFR
4
20
ns
1.23
Transition fall time
Full speed
TFE
4
20
ns
1.24
USB crystal oscillator
frequency
FUSB
4
8
9
MHz
1.25
USB clock duty cycle
40
60
%
1.26
JTAG TCK frequency
FTCK
0.02
33
MHz
DC Electrical Characteristics (Continued)
Test conditions (if not otherwise specified): V
CC = +1.8 V, Tamb = +25° C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Electrical Characteristics on ADC/IF Input
Test conditions (if not otherwise specified): V
CC = +3.3 V, Tamb = +25° C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
2.1
ADC DC supply
voltage
AVDD
3
3.3
3.6
V
2.2
IF frequency range
FIF
2.048
50
MHz
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
DC Power Consumption
Test conditions (if not otherwise specified): V
CC = +1.8 V, Tamb = +25°C
Mode
Conditions
Typ.
Max.
Unit
Core Power Consumption
DAB full
Decode of all MSC’s and 1 audio sub-channel
80
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com