Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNET1 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DNET1
Description  DataShield In-Line Surge Protector for Network and Phone Lines, 1-Line RJ45
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DNET1 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DNET1 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DNET1 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DNET1 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DataShield In-Line Surge Protector for Network
and Phone Lines, 1-Line RJ45
MODEL NUMBER: DNET1
Protects network datalines on workstations, printers, hubs and other devices from blown NIC cards,
garbled transmissions, lock-ups and hardware failures caused by surges, line noise, ESD, faulty wiring
and lightning.
Description
Tripp Lite's DNET1 provides network Ethernet line surge suppression for 100Base-T, 10Base-T, Token
Ring, AS400/Sys3x and RS422 applications. Surge suppression is handled with balanced arrays of high-
speed avalanche diodes that divert excess energies created by electrostatic discharges, faulty wiring or
lightning away from network interface connections. Tripp Lite network surge suppressors reduce blown
NIC cards, garbled network transmissions, system lock-ups and hard equipment failure by safely shunting
dataline surges to ground. Convenient RJ45 input and output connections with an included 5-inch
Ethernet patch cable enables ideal protection for network workstations, printers and other internetworking
devices with a network connection. For peace of mind, the DNET1 comes with a lifetime warranty and
RoHS-compliant design.
Features
DNET1 protects network workstations, printers and internetworking devices from surges present on
10/100Base-T, token ring, AS400/Sys3x or RS422 network lines
q
Convenient RJ45 input and output connections make for simple installation (RJ45 input/output
connections, pins 1-8, 7.5V clamping)
q
5 inch Ethernet patch cable enables ideal protection placed as close as possible to the point of use
q
Surge suppression utilizing high speed avalanche diodes divert excess energies on the network to
ground
q
RoHS Compliance
q
Lifetime Warranty
q
Highlights
Network Ethernet line surge
suppression for 100Base-T,
10Base-T, Token Ring,
AS400/Sys3x and RS422
applications
q
Ideal protection for NICs,
terminals, hubs, printers, LAN
equipment, and other
internetworking devices
q
Protects against the effects of
electrostatic discharge, faulty
wiring and lightning
q
Reduces blown NIC cards,
garbled network transmissions,
system lock-ups and hard
equipment failure
q
750A circuit breaker; 7.5V
nominal clamping voltage
q
RJ45 input and output
connections with included patch
cable
q
Package Includes
DNET1 dataline protector
q
5-in. RJ45 patch cable
q
Warranty information and
instruction manual
q
1 / 3


Similar Part No. - DNET1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DNET1 ETC2-DNET1 Datasheet
465Kb / 3P
RJ45 Network Surge Suppressor for Network/Phone Lines
More results

Similar Description - DNET1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DNET1 ETC2-DNET1 Datasheet
465Kb / 3P
RJ45 Network Surge Suppressor for Network/Phone Lines
DTEL2 ETC2-DTEL2 Datasheet
466Kb / 3P
2-Line RJ11/RJ45 Network Surge Suppressor for Network/Phone Lines
DSUT1CSU ETC2-DSUT1CSU Datasheet
468Kb / 3P
RJ45 Network Surge Suppressor for Digital and Leased Lines, T-1 Equipment and ISDN Interfaces
logo
Tripp Lite. All Rights ...
DB25ALL TRIPPLITE-DB25ALL Datasheet
484Kb / 2P
Datashield Serial In-Line Surge Protector, DB25
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
Telephone Line Surge and Lightning Protector
logo
Tripp Lite. All Rights ...
DB9 TRIPPLITE-DB9 Datasheet
160Kb / 3P
Datashield Serial In-Line Surge Protector
DB25-ALL TRIPPLITE-DB25-ALL Datasheet
160Kb / 3P
Datashield Serial In-Line Surge Protector
DSUT1CSU TRIPPLITE-DSUT1CSU Datasheet
154Kb / 3P
Datashield In-Line Surge Protector for Network and Digital/Leased Lines, T-1, ISDN, 1-Set RJ11/45/48
DTEL2 TRIPPLITE-DTEL2 Datasheet
168Kb / 3P
DataShield In-Line Surge Protector for Network and Phone Lines, 2-Line RJ11/RJ45
B110-SP-CAT TRIPPLITE-B110-SP-CAT Datasheet
167Kb / 3P
In-Line Network Surge Protector for Digital Signage - HDBaseT/10G Cat5e/6, IEC Compliant, TAA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com