Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSUT1CSU Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DSUT1CSU
Description  Datashield In-Line Surge Protector for Network and Digital/Leased Lines, T-1, ISDN, 1-Set RJ11/45/48
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DSUT1CSU Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DSUT1CSU Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DSUT1CSU Datasheet HTML 2Page - Tripp Lite. All Rights Reserved DSUT1CSU Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datashield In-Line Surge Protector for Network
and Digital/Leased Lines, T-1, ISDN, 1-Set
RJ11/45/48
MODEL NUMBER: DSUT1CSU
What do you currently have protecting your high-speed RJ45 connection? If the answer is nothing, your
equipment is in danger of being damaged by surges and line noise. Even with protection on your power
line, you are still vulnerable to these power problems on your network connection. Use the DataShield™
DSUT1CSU Network Surge Suppressor to protect your network. It’s ideal for sensitive "U" and "S/T"
interfaces on modems, NT1 devices, CSU/DSUs, terminal adapters and other pieces of high-speed
equipment.
Description
Tripp Lite's DSUT1CSU offers complete surge suppression for equipment on digital and leased lines, T1
and ISDN interfaces. Ideal for the protection of sensitive "U" and "S/T" interfaces on modems, NT1
devices, CSU/DSUs, terminal adapters and other pieces of high-speed equipment. Convenient 8 position
input/output RJ style jacks are RJ11/45/48 compatible, includes 5 inch ethernet patch cable for convenient
placement at the protected device network connection. Surge suppression is handled with balanced
arrays of high-speed avalanche diodes that divert excess energies created by electrostatic discharges,
faulty wiring or lightning away from network interface connections. Tripp Lite network surge suppressors
reduce blown interface ports, garbled network transmissions, system lock-ups and hard equipment failure
by safely shunting dataline surges to ground.
SUPPRESSION: 1 set RJ11/45/48 in/out jacks, protects wires 1-8, 60V clamping
Features
DSUT1CSU offers full surge suppression for CSU/DSU's and other high speed equipment on digital and
leased lines, T1 and ISDN interfaces
q
Convenient RJ45 input and output connections make for simple installation (RJ45 input/output
connections, pins 1-8, 60V clamping)
q
5 inch ethernet patch cable enables ideal protection placed as close as possible to the point of use
q
Surge suppression utilizing high speed avalanche diodes divert excess energies on the network to
ground
q
Highlights
Complete T1 and ISDN
(RJ11/45/48) surge protection
q
Protects against the effects of
electrostatic discharge, faulty
wiring and lightning
q
Package Includes
DSUT1CSU dataline protector
q
5 inch RJ45 patch cable
q
Instruction manual and warranty
information
q
1 / 3


Similar Part No. - DSUT1CSU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSUT1CSU ETC2-DSUT1CSU Datasheet
468Kb / 3P
RJ45 Network Surge Suppressor for Digital and Leased Lines, T-1 Equipment and ISDN Interfaces
More results

Similar Description - DSUT1CSU

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4020-01 BOURNS-4020-01 Datasheet
121Kb / 2P
Surge Protector Test Set for Telecom
logo
List of Unclassifed Man...
DNET1 ETC2-DNET1 Datasheet
465Kb / 3P
RJ45 Network Surge Suppressor for Network/Phone Lines
DTEL2 ETC2-DTEL2 Datasheet
466Kb / 3P
2-Line RJ11/RJ45 Network Surge Suppressor for Network/Phone Lines
DSUT1CSU ETC2-DSUT1CSU Datasheet
468Kb / 3P
RJ45 Network Surge Suppressor for Digital and Leased Lines, T-1 Equipment and ISDN Interfaces
logo
Tripp Lite. All Rights ...
DB25ALL TRIPPLITE-DB25ALL Datasheet
484Kb / 2P
Datashield Serial In-Line Surge Protector, DB25
DB9 TRIPPLITE-DB9 Datasheet
160Kb / 3P
Datashield Serial In-Line Surge Protector
DB25-ALL TRIPPLITE-DB25-ALL Datasheet
160Kb / 3P
Datashield Serial In-Line Surge Protector
DNET1 TRIPPLITE-DNET1 Datasheet
153Kb / 3P
DataShield In-Line Surge Protector for Network and Phone Lines, 1-Line RJ45
DTEL2 TRIPPLITE-DTEL2 Datasheet
168Kb / 3P
DataShield In-Line Surge Protector for Network and Phone Lines, 2-Line RJ11/RJ45
B110-SP-CAT TRIPPLITE-B110-SP-CAT Datasheet
167Kb / 3P
In-Line Network Surge Protector for Digital Signage - HDBaseT/10G Cat5e/6, IEC Compliant, TAA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com