Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RBC53 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # RBC53
Description  UPS Replacement Battery Cartridge Kit for select Tripp Lite, Best, Powerware, Liebert and other UPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

RBC53 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  RBC53 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved RBC53 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
UPS Replacement Battery Cartridge Kit for select
Tripp Lite, Best, Powerware, Liebert and other
UPS
MODEL NUMBER: RBC53
Description
Tripp Lite's premium UPS replacement battery cartridges breathe new life into UPS systems suffering
from expired or weak internal batteries. Each replacement battery cartridge is carefully screened and
certified to meet or exceed original manufacturer specifications and ships ready for installation into your
UPS system. Reusable packaging holds expired batteries for recycling center delivery. Compatible with a
wide variety UPS brands and models. See Tripp Lite's UPS replacement battery web page to confirm
compatibility and quantity required.
Features
Restore UPS runtime performance to its original runtime specifications
q
Reusable packaging contains expired batteries for recycling center delivery
q
Compatible with a variety of UPS brands
q
Highlights
Up to 30% longer runtime than
basic replacements
q
OEM certified premium batteries
q
Rugged, leakproof construction
q
Maintenance-free
q
Wide operating temperature
range
q
Package Includes
3 12V UPS replacement
batteries
q
Instruction manual with
installation, recycling and
warranty information
q
OVERVIEW
UPC Code
037332118684
BATTERY
Included Battery Set
Includes 3 12V batteries
Typical Battery Lifespan
3 - 5 years, depending on host UPS operating conditions
PHYSICAL
Shipping Dimensions (hwd / in.)
6.00 x 7.50 x 11.90
1 / 2


Similar Part No. - RBC53

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBC53 ETC2-RBC53 Datasheet
482Kb / 3P
UPS Replacement Battery Cartridge Kit for select Tripp Lite, Best, Powerware, Liebert and other UPS
More results

Similar Description - RBC53

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBC53 ETC2-RBC53 Datasheet
482Kb / 3P
UPS Replacement Battery Cartridge Kit for select Tripp Lite, Best, Powerware, Liebert and other UPS
RBC58-2U ETC2-RBC58-2U Datasheet
475Kb / 2P
2U UPS Replacement Battery Cartridge for select Tripp Lite UPS systems
RBC52 ETC2-RBC52 Datasheet
474Kb / 3P
UPS Replacement Battery Cartridge for select Tripp Lite, Best, Liebert, Minuteman and other UPS
logo
Tripp Lite. All Rights ...
RBC24-SLT TRIPPLITE-RBC24-SLT Datasheet
162Kb / 2P
UPS Replacement 24VDC Battery Cartridge for select Tripp Lite SLT UPS
RBC24V-LCD TRIPPLITE-RBC24V-LCD Datasheet
158Kb / 2P
2U UPS Replacement Battery Cartridge for select Tripp Lite UPS
RBC36-SLT TRIPPLITE-RBC36-SLT Datasheet
161Kb / 2P
UPS Replacement 36VDC Battery Cartridge for select Tripp Lite SLT UPS
RBC51 TRIPPLITE-RBC51 Datasheet
155Kb / 2P
UPS Replacement Battery Cartridge for Tripp Lite, APC, Belkin, Best, Powerware, Liebert & other UPS
RBC52 TRIPPLITE-RBC52 Datasheet
154Kb / 2P
UPS Replacement Battery Cartridge for select Tripp Lite, Best, Liebert, Minuteman and other UPS
RBC54 TRIPPLITE-RBC54 Datasheet
156Kb / 2P
UPS Replacement Battery Cartridge Kit for select Tripp Lite, Best, Powerware, Liebert and other UPS
RBC24-SUTWR TRIPPLITE-RBC24-SUTWR Datasheet
157Kb / 2P
UPS Replacement Battery Cartridge for select Tripp Lite SmartOnline Tower UPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com