Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS100CS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BAS100CS
Description  SURFACE MOUNT SCHOTTKY DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS100CS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BAS100CS Datasheet HTML 1Page - Pan Jit International Inc. BAS100CS Datasheet HTML 2Page - Pan Jit International Inc. BAS100CS Datasheet HTML 3Page - Pan Jit International Inc. BAS100CS Datasheet HTML 4Page - Pan Jit International Inc. BAS100CS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PBAS100CS
November 1,2017-REV.00
Page 2
Electrical Characteristics (TA = 25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Forward Voltage
VF
IF = 0.1 A, TJ = 25
oC
-
0.59
-
V
IF = 0.25 A, TJ = 25
oC
-
0.7
-
IF = 0.5 A, TJ = 25
oC
-
-
0.85
IF = 0.1 A, TJ = 125
oC
-
0.48
-
IF = 0.25 A, TJ = 125
oC
-
0.57
-
IF = 0.5 A, TJ = 125
oC
-
0.64
-
Reverse Current
IR
(3)
VR = 50 V, TJ = 25
oC
-
5
-
nA
VR = 80 V, TJ = 25
oC
-
15
-
VR = 100 V, TJ = 25
oC
-
-
1
uA
VR = 100 V, TJ = 125
oC
-
40
-
NOTES:
1.
Mounted on a FR4 PCB, single-sided copper, mini pad
2.
Mounted on a FR4 PCB, single-sided copper, with 100 cm
2 copper pad area
3.
Short duration pulse test used to minimize self-heating effect



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com