Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC256T-EST Datasheet(PDF) 14 Page - Microchip Technology

Part # 25LC256T-EST
Description  256K SPI Bus Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC256T-EST Datasheet(HTML) 14 Page - Microchip Technology

Back Button 25LC256T-EST Datasheet HTML 10Page - Microchip Technology 25LC256T-EST Datasheet HTML 11Page - Microchip Technology 25LC256T-EST Datasheet HTML 12Page - Microchip Technology 25LC256T-EST Datasheet HTML 13Page - Microchip Technology 25LC256T-EST Datasheet HTML 14Page - Microchip Technology 25LC256T-EST Datasheet HTML 15Page - Microchip Technology 25LC256T-EST Datasheet HTML 16Page - Microchip Technology 25LC256T-EST Datasheet HTML 17Page - Microchip Technology 25LC256T-EST Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
25AA256/25LC256
DS21822C-page 14
Preliminary
 2003 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend:
XX...X
Part number
T
Temperature (I, E)
Blank
Commercial
YY
Year code (last 2 digits of calendar year) except TSSOP
which uses only the last 1 digit
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
Custom marking available.
T/XXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
8-Lead SOIC
T/XXYYWW
XXXXXXXX
NNN
XXXX
TYWW
8-Lead TSSOP
NNN
I/P 1L7
25AA256
0328
Example:
Example:
I/SN 0328
25LC256
1L7
1L7
5LE
I328
Example:
TSSOP 1st Line Marking Codes
Device
25AA256
std mark
Pb-free
mark
5AE
NAE
8-Lead DFN
Example
:
XXXXXXX
T/XXXXX
YYWW
25LC256
I/MF
0328
1L7
NNN
25LC256
5LE
NLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com