Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1421 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # F1421
Description  RF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1421 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button F1421 Datasheet HTML 3Page - Integrated Device Technology F1421 Datasheet HTML 4Page - Integrated Device Technology F1421 Datasheet HTML 5Page - Integrated Device Technology F1421 Datasheet HTML 6Page - Integrated Device Technology F1421 Datasheet HTML 7Page - Integrated Device Technology F1421 Datasheet HTML 8Page - Integrated Device Technology F1421 Datasheet HTML 9Page - Integrated Device Technology F1421 Datasheet HTML 10Page - Integrated Device Technology F1421 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2018 Integrated Device Technology, Inc.
7
Rev O May 11, 2018
F1421 Datasheet
Typical Performance Characteristics
Figure 3.
Gain vs Frequency
Figure 4.
Reverse Isolation vs Frequency
Figure 5.
Input Return Loss vs Frequency
Figure 6.
Output Return Loss vs Frequency
Figure 7.
Gain vs Frequency
Figure 8.
Stability vs Frequency
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
+4.75 V / -40 C
+4.75 V / +25 C
+4.75 V / +105 C
+5.00 V / -40 C
+5.00 V / +25 C
+5.00 V / +105 C
+5.25 V / -40 C
+5.25 V / +25 C
+5.25 V / +105 C
-50
-45
-40
-35
-30
-25
-20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
+4.75 V / -40 C
+4.75 V / +25 C
+4.75 V / +105 C
+5.00 V / -40 C
+5.00 V / +25 C
+5.00 V / +105 C
+5.25 V / -40 C
+5.25 V / +25 C
+5.25 V / +105 C
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
+4.75 V / -40 C
+4.75 V / +25 C
+4.75 V / +105 C
+5.00 V / -40 C
+5.00 V / +25 C
+5.00 V / +105 C
+5.25 V / -40 C
+5.25 V / +25 C
+5.25 V / +105 C
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
+4.75 V / -40 C
+4.75 V / +25 C
+4.75 V / +105 C
+5.00 V / -40 C
+5.00 V / +25 C
+5.00 V / +105 C
+5.25 V / -40 C
+5.25 V / +25 C
+5.25 V / +105 C
15
16
17
18
19
20
21
22
23
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Frequency (GHz)
+4.75 V / -40 C
+4.75 V / +25 C
+4.75 V / +105 C
+5.00 V / -40 C
+5.00 V / +25 C
+5.00 V / +105 C
+5.25 V / -40 C
+5.25 V / +25 C
+5.25 V / +105 C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
+4.75 V / -40 C
+4.75 V / +25 C
+4.75 V / +105 C
+5.00 V / -40 C
+5.00 V / +25 C
+5.00 V / +105 C
+5.25 V / -40 C
+5.25 V / +25 C
+5.25 V / +105 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com