Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1978 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # F1978
Description  6-Bit, 75 Digital Step Attenuator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1978 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button F1978 Datasheet HTML 17Page - Integrated Device Technology F1978 Datasheet HTML 18Page - Integrated Device Technology F1978 Datasheet HTML 19Page - Integrated Device Technology F1978 Datasheet HTML 20Page - Integrated Device Technology F1978 Datasheet HTML 21Page - Integrated Device Technology F1978 Datasheet HTML 22Page - Integrated Device Technology F1978 Datasheet HTML 23Page - Integrated Device Technology F1978 Datasheet HTML 24Page - Integrated Device Technology F1978 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
F1978 Datasheet
© 2017 Integrated Device Technology, Inc.
21
Rev O August 28, 2017
Evaluation Kit Operation
Power Supply Setup
Set up a power supply in the voltage range of 3.0V to 5.25V with the power supply output disabled. The voltage can be applied via one of the
following connections (see Figure 24):
J8 connector
J5 header connection (note the polarity of the GND pin on this connector)
Pin 8 (VDD) and pin 9 (GND) on the J4 header connection
Figure 24. Power Supply and Logic Voltage Connections
J8 Connector
GND
– J4, Pin 9
VDD
– J4, Pin 8
J5
J1 Connector
J2
J3
Parallel Logic Control Setup
The Evaluation Board has the ability to control the F1978 in the Parallel Mode. For external control, apply logic voltages to the J4 header pins 1
through 6 (see Figure 21). For manual control, switches 1 through 6 on U2 can be set. The switch is a three-position switch. The bottom position,
“–” will ground the pin. The center position “O” will leave the pin open circuited. Setting the switch to the top position “+” will apply a voltage that
is supplied to the switch.
The logic voltage can be applied in one of two ways (see Figure 24):
Connect directly to connector J1.
Leave J1 open circuit, and add jumpers to headers J2 and J3. This will apply a logic voltage that is 0.24
V
DD.
The F1978 has internal pull-up resistors for the D0
– D5 parallel pins and VMODE. The switches can be used to apply a logic LOW (ground) for
proper operation. To use the Parallel Mode, either apply a ground to the VMOD pin 7 on J4 or set U2 switch 7 (VMOD)
to the “–” position (see
Figure 21). The attenuation setting can be set via the U2 switches 1 through 6 (D0 through D5) according to Table 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com