Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDM88120x-R11 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PDM88120x-R11
Description  Gray or Black Face, White Segment
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PDM88120x-R11 Datasheet(HTML) 1 Page - P-tec Corporation

  PDM88120x-R11 Datasheet HTML 1Page - P-tec Corporation PDM88120x-R11 Datasheet HTML 2Page - P-tec Corporation PDM88120x-R11 Datasheet HTML 3Page - P-tec Corporation PDM88120x-R11 Datasheet HTML 4Page - P-tec Corporation PDM88120x-R11 Datasheet HTML 5Page - P-tec Corporation PDM88120x-R11 Datasheet HTML 6Page - P-tec Corporation PDM88120x-R11 Datasheet HTML 7Page - P-tec Corporation PDM88120x-R11 Datasheet HTML 8Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
 
www.p-tec.net
102013 Rev0 JAS
Page 1 of 8
PRODUCT SPECIFICATION
Part Number
PDM88120 Series
Details
 1.2” (31.0mm) Dot Matrix Display
 8x8 Array
 Available in Common Anode or Cathode
 Emitting Color: Pure Green, Yellow Green,
Yellow, Amber, Orange-Red, Red or Deep
Red
Features
 Low power consumption
 RoHS Compliant
 Gray or Black Face, White Segment
 Easy mounting on PCB or socket
Mechanical Dimensions
Notes: 
1. Dimensions in millimeters [inch], and tolerance is ±0.25 [.010] and angle is ±1° unless otherwise noted.
2. Bending ≤ Length*1%
3. All pins are 0.60.020]±0.1[.004]
4. Specifications subject to change without notice


Similar Part No. - PDM88120x-R11

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PDM88120X-B01 P-TEC-PDM88120X-B01 Datasheet
385Kb / 7P
Low power consumption
PDM88120X-W01 P-TEC-PDM88120X-W01 Datasheet
443Kb / 7P
Easy mounting on PCB or socket
More results

Similar Description - PDM88120x-R11

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PDM577 P-TEC-PDM577 Datasheet
521Kb / 8P
Gray or Black Face, White Segment
PDM577X-B01 P-TEC-PDM577X-B01 Datasheet
386Kb / 7P
Gray or Black Face, White Segment
PDM577X-W01 P-TEC-PDM577X-W01 Datasheet
436Kb / 8P
Gray or Black Face, White Segment
PDM8876 P-TEC-PDM8876 Datasheet
709Kb / 8P
Gray or Black Face, White Segment
PDM8876X-W01 P-TEC-PDM8876X-W01 Datasheet
486Kb / 7P
Gray or Black Face, White Segment
PDM57116 P-TEC-PDM57116 Datasheet
726Kb / 8P
Gray or Black Face, White Segment
PDM57116-A P-TEC-PDM57116-A Datasheet
692Kb / 8P
Gray or Black Face, White Segment
PDM57200X-W01 P-TEC-PDM57200X-W01 Datasheet
420Kb / 7P
Gray or Black Face, White Segment
PDM58460X-W01 P-TEC-PDM58460X-W01 Datasheet
403Kb / 7P
Gray or Black Face, White Segment
PDM88150 P-TEC-PDM88150 Datasheet
629Kb / 8P
Gray or Black Face, White Segment
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com