Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA892WT Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BA892WT
Description  SILICON BAND SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BA892WT Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BA892WT Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BA892WT Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BA892WT Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 23/11/2006
®
SEMTECH ELECTRONICS LTD.
Subsidiary of Sino-Tech International (BVI) Limited
BA892WT
SILICON BAND SWITCHING DIODE
Applications
for band switching in VHF television tuners
and surface mount band switching circuits
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
35
V
Forward Current
IF
100
mA
Junction Temperature
TJ
150
O
C
Operating Temperature Range
Top
- 55 to + 125
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reverse Current
at VR = 20 V
IR
-
-
20
nA
Forward Voltage
at IF = 100 mA
VF
-
-
1
V
Diode Capacitance
at VR = 1 V, f = 1 MHz
at VR = 3 V, f = 1 MHz
at VR = 0 V, f = 100 MHz
CT
0.65
0.6
-
-
-
1
1.4
1.1
-
pF
Forward Resistance
at IF = 3 mA, f = 100 MHz
at IF = 10 mA, f = 100 MHz
rf
-
-
-
-
0.7
0.5
Ω
Series Inductance
Ls
-
0.6
-
nH
Anode
2
Top View
Marking Code: "U"
Simplified outline SOD-523 and symbol
1
U
2
PINNING
1
PIN
Cathode
DESCRIPTION
SEMTECH


Similar Part No. - BA892WT

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BA892WT SEMTECH_ELEC-BA892WT Datasheet
235Kb / 3P
SILICON BAND SWITCHING DIODE
More results

Similar Description - BA892WT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA892 PHILIPS-BA892 Datasheet
62Kb / 8P
Band-switching diode
1998 May 08
logo
Leshan Radio Company
BA892 LRC-BA892 Datasheet
91Kb / 2P
Band-switching diode
logo
Rohm
1SS390 ROHM-1SS390_1 Datasheet
1Mb / 4P
Band switching diode
logo
NXP Semiconductors
BA277 NXP-BA277 Datasheet
224Kb / 6P
Band-switching diode
Rev. 02-7 January 2008
logo
SEMTECH ELECTRONICS LTD...
1SS356WS SEMTECH_ELEC-1SS356WS Datasheet
207Kb / 3P
BAND SWITCHING DIODE
BA892WT SEMTECH_ELEC-BA892WT Datasheet
235Kb / 3P
SILICON BAND SWITCHING DIODE
logo
Rohm
1SS356 ROHM-1SS356_11 Datasheet
257Kb / 4P
Band Switching Diode
logo
KODENSHI_AUK CORP.
SDP410D KODENSHI-SDP410D Datasheet
52Kb / 3P
Band switching Diode
SDP410Q KODENSHI-SDP410Q Datasheet
177Kb / 3P
Band switching Diode
logo
Leshan Radio Company
L1SS356T1G LRC-L1SS356T1G_15 Datasheet
67Kb / 3P
Band Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com