Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP03467 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03467
Description  SAW Resonator 433.420MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03467 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03467 Datasheet HTML 1Page - Golledge Electronics Ltd MP03467 Datasheet HTML 2Page - Golledge Electronics Ltd MP03467 Datasheet HTML 3Page - Golledge Electronics Ltd MP03467 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Resonator 433.420MHz
Model: TC0194A
Part No: MP03467
Rev No: 1
TC0194A v1
A. FEATURES:
1 - Port Resonator
B. MAXIMUM RATING:
1. Input Power Level: 0dBm
2. DC voltage: 12V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
433.345
433.420
433.495
Insertion Loss IL
dB
-
1.7
2.5
Equivalent Elements
Motional capacitance C1
fF
-
3.18
-
Motional inductance L1
µH
-
101.56
-
Motional resistance R1
-
23.13
-
Parallel capacitance Co
pF
-
4.76
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
°C
10
-
40
Package size
SMD 3.8 X 3.8 X 1.4mm


Similar Part No. - MP03467

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03407 GOLLEDGE-MP03407 Datasheet
125Kb / 7P
SAW Filter 60.0MHz
MP03419 GOLLEDGE-MP03419 Datasheet
67Kb / 6P
SAW Filter 707.0MHz
MP03430 GOLLEDGE-MP03430 Datasheet
103Kb / 7P
SAW Filter 79.0MHz
MP03431 GOLLEDGE-MP03431 Datasheet
112Kb / 6P
SAW Filter 96.0MHz
MP03432 GOLLEDGE-MP03432 Datasheet
117Kb / 7P
SAW Filter 109.0MHz
More results

Similar Description - MP03467

ManufacturerPart #DatasheetDescription
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
SAW resonator
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
SAW RESONATOR
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
SAW Resonator
2004-04-20
R31451 ITF-R31451 Datasheet
255Kb / 6P
SAW Resonator
2004-04-20
R31801 ITF-R31801 Datasheet
256Kb / 6P
SAW Resonator
2004-04-20
R40731 ITF-R40731 Datasheet
255Kb / 6P
SAW Resonator
logo
Shenzhen Luguang Electr...
LGER433 LUGUANG-LGER433 Datasheet
314Kb / 4P
SAW resonator
logo
Golledge Electronics Lt...
MP04027 GOLLEDGE-MP04027 Datasheet
67Kb / 5P
SAW Filter 433.420MHz
MA06487 GOLLEDGE-MA06487 Datasheet
80Kb / 4P
433.420MHz SAW Resonator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com