Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH2984 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH2984
Description  TWO PHASE HALL-EFFECT SMART FAN MOTOR CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH2984 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH2984 Datasheet HTML 1Page - Diodes Incorporated AH2984 Datasheet HTML 2Page - Diodes Incorporated AH2984 Datasheet HTML 3Page - Diodes Incorporated AH2984 Datasheet HTML 4Page - Diodes Incorporated AH2984 Datasheet HTML 5Page - Diodes Incorporated AH2984 Datasheet HTML 6Page - Diodes Incorporated AH2984 Datasheet HTML 7Page - Diodes Incorporated AH2984 Datasheet HTML 8Page - Diodes Incorporated AH2984 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AH2984
Document number: DS31698 Rev. 4 - 2
4 of 10
www.diodes.com
December 2013
© Diodes Incorporated
AH2984
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Conditions
Rating
Unit
VDD
Supply Voltage
18
V
VRDD
Reverse VDD Polarity Voltage
-15
V
IO(AVE)
Output Current (Note 5)
500
mA
IO(peak as hold)
800
PD
Power Dissipation
SIP-4
550
mW
SOT89-5
800
mW
TST
Storage Temperature
-55 to +150
C
TJ
Maximum Junction Temperature
+150
C
θJA
Thermal Resistance (Note 6)
SIP-4
227
C/W
SOT89-5
168
C/W
θJC
Thermal Resistance (Note 6)
SIP-4
49
C/W
SOT89-5
36
C/W
TJ
TA
Tc
JC
JA
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply Voltage
Operating
2.5
15
V
TA
Operating Ambient Temperature (Note 5)
Operating
-40
+105
C
Electrical Characteristics (@TA = +25°C; VDD = 12V; unless otherwise specified, Note 4)
Symbol
Characteristics
Conditions
Min
Typ.
Max
Unit
IDD
Supply Current
Operating, VDD = 12V
2.0
3.5
5.0
mA
Ton
Locked Protection On Time
—
—
0.25
—
s
Toff
Locked Protection Off Time
—
—
3.25
—
s
Rduty
Locked Protection Duty Ratio
Toff/Ton
—
13
—
—
RDS(ON)
Output On Resistance
IO= 300mA
—
1
1.67
Ω
IO= 500mA
—
1.25
1.8
VZ
Output Zener-Breakdown Voltage
(Note 7)
24
33
42
V
Notes:
5. Shall not exceed PD and Safety Operation Area.
6.
θJA should be confirmed with heat sink thermal resistance. SOT89 exposed pad soldered to minimum recommended landing pads (see Package Outline
Dimension section) on 2”x2” two-layer 2oz.copper FR4 PCB with thermal vias in the exposed pad connecting to the copper flood on the bottom layer.
7. The VZ value is in D.C voltage measurement. The VZ may vary with coils in A.C. voltage measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com