Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL3353 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL3353
Description  HIGH PERFORMANCE BOOST LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3353 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL3353 Datasheet HTML 1Page - Diodes Incorporated AL3353 Datasheet HTML 2Page - Diodes Incorporated AL3353 Datasheet HTML 3Page - Diodes Incorporated AL3353 Datasheet HTML 4Page - Diodes Incorporated AL3353 Datasheet HTML 5Page - Diodes Incorporated AL3353 Datasheet HTML 6Page - Diodes Incorporated AL3353 Datasheet HTML 7Page - Diodes Incorporated AL3353 Datasheet HTML 8Page - Diodes Incorporated AL3353 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AL3353
Electrical Characteristics (V
IN = 12V, VPWM = 5V, @T
A = +25°C, unless otherwise specified.) (Note 6)
Note:
6. These parameters, although guaranteed by design, are not 100% tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply Voltage
VIN
Input Voltage
–
9.0
–
40
V
IOP
Operating Supply Current
VIN = 12V, VPWM = 5V, no load
–
2
3
mA
ISHDN
Shutdown Supply Current
PWM low > 50mS, Sleep Mode
–
130
180
µA
Under Voltage Lockout
VUVLO
Input UVLO Threshold
VIN Rising
7.8
8.3
8.8
V
VHYS
Input UVLO Hysteresis
–
–
800
–
mV
Soft Start
ISS_SLOP
Soft Start Slope
–
–
22
–
mV/ms
Error Amplifier
VFB
Feedback Reference Voltage
Reference voltage at
non-inverting input
394
400
406
mV
Am
Open Loop Voltage Gain
–
–
70
–
dB
Gm
Transconductance of EA
–
–
100
–
µA/V
ISOURCE
Output Source Current
–
–
30
–
µA
ISINK
Output Sink Current
–
–
60
–
µA
PWM to Analog Dimming Control
–
PWM Duty
–
0
–
100
%
VPWM_H
PWM Logic Input for Analog Dimming
–
2.5
–
–
V
VPWM_L
–
–
–
1.2
V
Protection Threshold
VOVP_OV
Output Over Voltage Threshold Voltage
–
1.9
2.0
2.1
V
VOVP_UVLO
OVP UVLO Threshold Voltage
Normal operation
–
250
–
mV
System startup
–
150
–
mV
VCS_OCP
Over Current Threshold Voltage
Duty = 90%
425
500
575
mV
VCS_HIGH
CS High Protection Threshold
Diode or Inductor short
1.1
1.2
1.3
V
VCMP_HIGH
COMP High Protection Threshold
FB short to GND
2.9
3.2
3.5
V
TOTP
Over Temperature Threshold
–
–
+160
–
°C
Gate Driver
fOSC
Oscillator Frequency
–
110
120
130
kHz
DMAX
Max. Duty Cycle
–
93
95
97
%
VGATE
Gate Pin Output Voltage
VIN =24V
–
13
–
V
tRISE
Rising Time
1nF load
–
40
–
ns
tFALL
Falling Time
–
20
–
ns
AL3353
Document number: DS41487 Rev. 2 - 2
4 of 15
www.diodes.com
February 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com