Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4406 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AM4406
Description  2-PHASE HALF-WAVE HIGH VOLTAGE MOTOR PRE-DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4406 Datasheet(HTML) 4 Page - Diodes Incorporated

  AM4406 Datasheet HTML 1Page - Diodes Incorporated AM4406 Datasheet HTML 2Page - Diodes Incorporated AM4406 Datasheet HTML 3Page - Diodes Incorporated AM4406 Datasheet HTML 4Page - Diodes Incorporated AM4406 Datasheet HTML 5Page - Diodes Incorporated AM4406 Datasheet HTML 6Page - Diodes Incorporated AM4406 Datasheet HTML 7Page - Diodes Incorporated AM4406 Datasheet HTML 8Page - Diodes Incorporated AM4406 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AM4406/4406F
Document number: DS41247 Rev. 2 - 2
4 of 9
www.diodes.com
July 2018
© Diodes Incorporated
AM4406/4406F
Electrical Characteristics (VCC=12V, TA=+25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICC
Supply Current
No load
_
3.2
5.0
mA
VHYS (+)
Hall Amplifier Input Hysteresis (+)
Zero to peak including offset
and hysteresis
3
_
15
mV
VHYS (-)
Hall Amplifier Input Hysteresis (-)
Zero to peak including offset
and hysteresis
-3
_
-15
mV
ICHG
CT Charge Current
VCT=1.5V
2
3.45
5.25
μA
IDHG
CT Discharge Current
VCT=1.5V
0.35
0.8
1.45
μA
RCD
CT Charge and Discharge Ratio
ICHG/ IDHG
3
4.5
8
_
VCL
CT Clamp Voltage
_
2.2
2.6
3
V
VCP
CT Comparator Voltage
_
0.4
0.6
0.8
V
VOH1
OUT1 High Level Voltage
IOUT1=10mA
10
10.5
_
V
VOH2
OUT2 High Level Voltage
IOUT2=10mA
10
10.5
_
V
VRDL
RD Output Low Level Voltage
IRD=5mA
_
0.2
0.5
V
IRD
RD Current Capacity
VRD=2V
8
18
_
mA
VFGL
FG Output Low Level Voltage
IFG=5mA
_
0.2
0.5
V
IFG
FG Current Capacity
VFG=2V
8
18
_
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com